Electronic Components Datasheet Search
  English  ▼

X  

AD5940 Datasheet(PDF) 32 Page - Analog Devices

Part # AD5940
Description  High Precision, Impedance, and Electrochemical Front End
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5940 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD5940 Datasheet HTML 28Page - Analog Devices AD5940 Datasheet HTML 29Page - Analog Devices AD5940 Datasheet HTML 30Page - Analog Devices AD5940 Datasheet HTML 31Page - Analog Devices AD5940 Datasheet HTML 32Page - Analog Devices AD5940 Datasheet HTML 33Page - Analog Devices AD5940 Datasheet HTML 34Page - Analog Devices AD5940 Datasheet HTML 35Page - Analog Devices AD5940 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 143 page
background image
Data Sheet
AD5940/AD5941
LOW POWER DAC
analog.com
Rev. D | 32 of 143
Electrochemical Impedance Spectroscopy
In many electrochemical applications, there is significant value
in carrying out a diagnostic measurement. A typical diagnostic
technique is to carry out an impedance measurement on the
sensor. For some sensor types, the dc bias on the sensor must
be maintained during the impedance measurement. The AD5940/
AD5941 facilitates this dc bias. To perform this measurement, set
LPDACCON0, Bit 5 = 1. VZERO0 voltage is set to the input of the
high speed TIA and the high speed DAC generates an ac signal.
The level of the ac signal is set via the VBIAS0 voltage output of the
low power DAC, and the voltage on SE0 is maintained by VZERO0
voltage. The high speed DAC dc buffers must also be enabled by
setting AFECON, Bit 21.
Low Power DAC in 4-Wire Isolated Impedance
Measurements
For 4-wire isolated impedance measurements, such as body impe-
dance measurements, a high frequency sinusoidal waveform is
applied to the sensor via the high speed DAC. A common-mode
voltage is set across the sensor using the low power DAC 6-bit
output voltage, VZERO, and the low power TIA. This configuration
sets the common-mode voltage between AIN2 and AIN3 (see
Figure 20). To enable this common-mode voltage setup, SWMUX,
Bit 3, must be set to 1. The VBIAS0 voltage output of the low power
DAC also sets the common-mode voltage for the high speed DAC
excitation buffer.
Figure 20. Low Power DACs Used in a 4-Wire Impedance Measurement (HSTIA_P = Positive Output of High Speed TIA)
LOW POWER DAC CIRCUIT REGISTERS
Table 15. Low Power TIA and Low Power DAC Registers Summary
Address
Name
Description
Reset
Access
0x00002128
LPDACCON0
Low power DAC configuration register
0x00000002
R/W
0x00002124
LPDACSW0
Low power DAC switch control register
0x00000000
R/W
0x00002050
LPREFBUFCON
Low power reference configuration register
0x00000000
R/W
0x0000235C
SWMUX
Common-mode switch mux select register
0x00000000
R/W
0x00002120
LPDACDAT0
Low power DAC data output register
0x00000000
R/W
LPDACCON0 Register—LPDACCON0
Address 0x00002128, Reset: 0x00000002, Name: LPDACCON0
Table 16. Bit Descriptions for LPDACCON0 Register
Bits
Bit Name
Settings
Description
Reset
Access
[31:7]
Reserved
Reserved.
0x0
R
6
WAVETYPE
Low power DAC data source. This bit determines the DAC waveform type.
0x0
R/W
0 Direct from LPDACDAT0.
1 Waveform generator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com