Electronic Components Datasheet Search
  English  ▼

X  

AD5940 Datasheet(PDF) 9 Page - Analog Devices

Part # AD5940
Description  High Precision, Impedance, and Electrochemical Front End
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5940 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD5940 Datasheet HTML 5Page - Analog Devices AD5940 Datasheet HTML 6Page - Analog Devices AD5940 Datasheet HTML 7Page - Analog Devices AD5940 Datasheet HTML 8Page - Analog Devices AD5940 Datasheet HTML 9Page - Analog Devices AD5940 Datasheet HTML 10Page - Analog Devices AD5940 Datasheet HTML 11Page - Analog Devices AD5940 Datasheet HTML 12Page - Analog Devices AD5940 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 143 page
background image
Data Sheet
AD5940/AD5941
SPECIFICATIONS
analog.com
Rev. D | 9 of 143
Table 1. (Continued)
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
Accuracy
Magnitude
−1.25
±0.2
+1.25
%
20 kHz to 200 kHz
±0.2
%
10 Hz to 20 kHz
±1
%
1 Hz to <10 Hz
Phase
−0.3
±0.1
+0.3
Degrees
Three-Resistor Star Cell
Accuracy
R1 = R2 = R3 = 2.2 Ω (see Figure 17); 0.1 Hz to 200 kHz
Magnitude
±0.5
%
Phase
±0.5
Degrees
Accuracy
R1 = R2 = R3 = 100 Ω connected (see Figure 17); 0.1 kHz
to 200 kHz
Magnitude
±0.2
%
Phase
±0.2
Degrees
With High Bandwidth Loop, 50 kHz, 4‑Wire
Isolated
For Z = 1 kΩ (0.1% tolerant resistor); excitation frequency
= 50 kHz; sine amplitude = 0.6 V p-p; RTIA = 1 kΩ;
CTIA = 32 pF; Isolation Capacitor 1 (CISO1) = 15 nF;
Isolation Capacitor 2 (CISO2) = Isolation Capacitor 3 (CISO3)
= Isolation Capacitor 4 (CISO4) = 470 nF; current-limiting
resistor (RLIMIT) = 1 kΩ
Accuracy
Device to device repeatability for three devices at 50 kHz
Magnitude
0.26
%
Percentage error
Phase
1
Degrees
With Low Bandwidth Loop
For Z = 100 kΩ; excitation frequency = 100 Hz; sine
amplitude = 1.1 V p-p; RTIA = 100 kΩ; CTIA = 100 nF; CISO1 =
15 nF; CISO2 = 470 nF; RLIMIT = 1000 Ω
Frequency Range
1
300
Hz
Accuracy2
Device to device repeatability for three devices at 100 Hz
Magnitude
±0.3
%
Percentage error
Precision2
Magnitude
450
Ω
Standard deviation
High Speed Loop
See Figure 17; valid for impedance spectroscopy,
voltammetry, and pulse tests
Allowed External Load Capacitance2
100
pF
R2 + R3 ≤ 100 Ω; R1 ≤ 100 Ω
50
pF
R2 + R3 ≤ 500 Ω; R1 ≤ 100 Ω
40
pF
R2 + R3 ≤ 1600 Ω; R1 ≤ 800 Ω; frequency ≥ 1 kHz
Excitation Amplifier Bandwidth2
3
MHz
Impedance Frequency Range2
0.015
200,000
Hz
LOW POWER TIA AND POTENTIOSTAT
Input Bias Current2
TIA Amplifier, SE0 Pin
80
200
pA
Potentiostat Amplifier
20
150
pA
Offset Voltage2
50
150
µV
Offset Voltage Drift vs. Temperature
1
µV/°C
Noise2
Unity-gain mode; V p-p in 0.1 Hz to 10 Hz range
1.6
µV
Normal mode (LPTIACON0 Bit 2 = 0)
2
µV
Half power mode (LPTIACON0 Bit 2 = 1)
Potentiostat Source/Sink Current2
−750
+750
µA
Normal mode (LPTIACON0 Bits[4:3] = 00); from CE0
−3
+3
mA
High current mode (LPTIACON0 Bits[4:3] = 01 or 11 from
CE0
DC PSRR2
70
dB
At RE0 pin; RTIA = 256 kΩ; RLOAD = 10 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com