Electronic Components Datasheet Search
  English  ▼

X  

AD5940 Datasheet(PDF) 8 Page - Analog Devices

Part # AD5940
Description  High Precision, Impedance, and Electrochemical Front End
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5940 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD5940 Datasheet HTML 4Page - Analog Devices AD5940 Datasheet HTML 5Page - Analog Devices AD5940 Datasheet HTML 6Page - Analog Devices AD5940 Datasheet HTML 7Page - Analog Devices AD5940 Datasheet HTML 8Page - Analog Devices AD5940 Datasheet HTML 9Page - Analog Devices AD5940 Datasheet HTML 10Page - Analog Devices AD5940 Datasheet HTML 11Page - Analog Devices AD5940 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 143 page
background image
Data Sheet
AD5940/AD5941
SPECIFICATIONS
analog.com
Rev. D | 8 of 143
Table 1. (Continued)
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
80
dB
PGA gain = 1, 1.5, and 2
762
dB
PGA gain = 4
702
dB
PGA gain = 9
Total Harmonic Distortion2
THD
−84
dB
Peak Harmonic or Spurious Noise2
−86
dB
Channel to Channel Crosstalk2
−86
dB
Measured on adjacent channels
Noise (RMS)9
800
nV/√Hz
Chop on
400
nV/√Hz
Chop off
ADC INPUT
Input to ADC mux
Input Voltage Ranges2
0.2
2.1
V
Voltage applied to any input pin
V
Pseudo differential voltage between VBIAS_ CAP pin and
analog input from ADC mux
−0.9
+0.9
V
Gain = 1
−0.9
+0.9
V
Gain = 1.5
−0.6
+0.6
V
Gain = 2
−0.3
+0.3
V
Gain = 4
−0.133
+0.133
V
Gain = 9
Input Current Range2
0.00005
3000
µA
Low power TIA and high speed TIA current input channel
ranges
Common Mode Range2
0.2
1.1
2.1
V
Leakage Current
−1.5
±0.5
+1.5
nA
AIN0, AIN1, AIN2, AIN3/BUF_VREF1V82, AIN4/LPF0, AIN6
(TA = −40°C to +85°C)
−6
+6
nA
CE0, RE0, SE0 and DE0 (TA = −40°C to 85°C)
−3.5
±0.5
+3.5
nA
AIN0, AIN1, AIN2, AIN3/BUF_VREF1V82, AIN4/LPF0, AIN6
(TA = −40°C to +105°C)
−8
+8
nA
CE0, RE0, SE0 and DE0 (TA = −40°C to +105°C)
Input Current2
−8
±2
+8
nA
AIN0, AIN1, AIN2, AIN3, AIN4, AIN6, CE0, RE0, SE0, and
DE0
Input Capacitance2
40
pF
During ADC acquisition
Antialias Filter 3 dB Frequency Range2
Three programmable settings
Mode 0
50
kHz
Mode 1
100
kHz
Mode 2
250
kHz
ADC Channel Switch Settling Time
Time delay required after switching ADC input channel;
excludes sinc3 settling time
Antialias Filter −3 dB Cutoff Frequency2
250 kHz
20
µs
100 kHz
40
µs
50 kHz
60
µs
DISCRETE FOURIER TRANSFORM (DFT)-
BASED IMPEDANCE MEASUREMENTS2
With High Bandwidth Loop
For impedance (Z) of 1000 Ω (0.1% tolerant resistor),
excitation frequency = 0.1 Hz to 200 kHz, sine amplitude
= 10 mV rms, RTIA = 5 kΩ; RCAL = 200 Ω;1% accurate
temperature coefficient 5 ppm/°C; single DFT measure-
ment; DFT using 8192 ADC samples; Hanning on;
HSDACCON Bits[8:1] = 0x1B for low power mode and
impedance measurements ≤80 kHz; HSDACCON Bits[8:1]
= 0x7 for high power mode and impedance measurements
≥80 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com