Electronic Components Datasheet Search
  English  ▼

X  

AD5940 Datasheet(PDF) 21 Page - Analog Devices

Part # AD5940
Description  High Precision, Impedance, and Electrochemical Front End
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5940 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD5940 Datasheet HTML 17Page - Analog Devices AD5940 Datasheet HTML 18Page - Analog Devices AD5940 Datasheet HTML 19Page - Analog Devices AD5940 Datasheet HTML 20Page - Analog Devices AD5940 Datasheet HTML 21Page - Analog Devices AD5940 Datasheet HTML 22Page - Analog Devices AD5940 Datasheet HTML 23Page - Analog Devices AD5940 Datasheet HTML 24Page - Analog Devices AD5940 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 143 page
background image
Data Sheet
AD5940/AD5941
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. D | 21 of 143
Table 7. Pin Function Descriptions (Continued)
Pin No.
Mnemonic
Input/Output
Supply
Description
AD5940
AD5941
F8
16
SCLK
Digital input
SPI Clock.
G2
26
IOVDD
Supply
Digital Input/Output Supply Pin. DVDD (Pin F3) must be driven before IOVDD is
enabled.
G3
14
DVDD_REG_1V8
Analog
1.8 V Digital Regulator Decoupling Capacitor Pin. Connect a 470 nF capacitor to this
pin.
G4
N/A
GPIO7
Digital input/output General-Purpose Input/Output Pin 7.
G5
11
XTALI
Digital Input
16 MHz External Crystal Input Pin.
G6
12
XTALO
Digital output
16 MHz External Crystal Output Pin.
G7
N/A
GPIO4
Digital input/output General-Purpose Input/Output Pin 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com