Electronic Components Datasheet Search
  English  ▼

X  

AD5940 Datasheet(PDF) 16 Page - Analog Devices

Part # AD5940
Description  High Precision, Impedance, and Electrochemical Front End
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5940 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD5940 Datasheet HTML 12Page - Analog Devices AD5940 Datasheet HTML 13Page - Analog Devices AD5940 Datasheet HTML 14Page - Analog Devices AD5940 Datasheet HTML 15Page - Analog Devices AD5940 Datasheet HTML 16Page - Analog Devices AD5940 Datasheet HTML 17Page - Analog Devices AD5940 Datasheet HTML 18Page - Analog Devices AD5940 Datasheet HTML 19Page - Analog Devices AD5940 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 143 page
background image
Data Sheet
AD5940/AD5941
SPECIFICATIONS
analog.com
Rev. D | 16 of 143
Table 1. (Continued)
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
START-UP TIME
Processor clock = 16 MHz
AFE Wake-Up2
30
ms
Wake-up time to allow communication on SPI bus
ADC Wake-Up2
80
180
µs
Time delay required on exiting hibernate mode before
starting ADC conversions
1 VBIAS_CAP is only meant for internal biasing within the IC.
2 Guaranteed by design, not production tested.
3 Code distribution can be reduced if ADC output rate is reduced by using sinc2 filter option.
4 ADC offset and gain not calibrated for high power mode in production. User calibration can eliminate this error.
5 There is a correction factor of 1.835 V introduced to the ADC code to voltage conversion as a result of the calibration to the ADC.
6 A 1.835 V/1.82 V factor must be added while performing the calibration.
7 The 1.82 V reference is used to calibrate the ADC offset and gain.
8 If the ADC is calibrated and there is a hardware reset, the calibration registers are cleared to the default value. One way around this clear is to store the calibrated values in
the MCU flash during factory calibration and load those values on power-up.
9 Noise can be reduced if ADC sample rate is reduced using the sinc2 filter. See Table 2 for ADC rms noise: digital filter settings.
10 The low power TIA gain resistor must be calibrated regularly because the resistor has a high temperature drift.
11 See Figure 7 for details.
12 See Figure 9 for details.
13 VBIAS0 can be used for sourcing the offset voltage to external amplifiers.
14 High speed DAC offset calibration can remove this error. See the High Speed DAC Calibration Options section for details.
15 Measured using the box method.
16 The watchdog can be turned off during system initialization.
17 IOVDD can optionally be powered from a 1.8 V supply rail.
ADC RMS NOISE SPECIFICATIONS
The internal 1.82 V reference is used for all measurements.
Note that there is a correction factor of 1.835 V introduced to the ADC code to voltage conversion as a result of the ADC calibration. Although
a 1.82 V reference is used to calibrate the ADC offset and gain, 1.835/1.82 factor is needed to be multiplied during the calibration. If the ADC is
calibrated and there is a hardware reset, the calibration registers clear to the default value. The low power TIA gain resistor must be calibrated
regularly because this resistor has a high temperature drift.
ADC RMS Noise: Digital Filter Settings
Table 2 provides the rms noise specifications for the ADC with different ADC digital filter settings.
Table 2. ADC RMS Noise1
Update Rate
(Hz)
Sinc3 Oversampling Rate
(OSR)
Sinc2 OSR
Gain = 1 rms
Noise (μV)
Gain = 1.5 rms
Noise (μV)
Gain = 2 rms
Noise (μV)
Gain = 4 rms
Noise (μV)
Gain = 9 rms
Noise (μV)
200,000
4
Not applicable
72.43
49.732
37.83
18.93
8.62
9090
4
22
29.29
19.59
10.4
6.687
4.42
900
5
178
24.0
17.11
12.832
6.416
1.018
1 Noise can be reduced if ADC sample rate is reduced using the sinc2 filter.
ADC RMS Noise: Peak-to-Peak Effective Bits
Table 3 provides the rms and peak-to-peak effective bits based on the noise results in Table 2 for various PGA gain settings (peak-to-peak
effective bits results are shown in parentheses). To calculate the rms bits, use the following equation:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com