Electronic Components Datasheet Search
  English  ▼

X  

AD5940 Datasheet(PDF) 65 Page - Analog Devices

Part # AD5940
Description  High Precision, Impedance, and Electrochemical Front End
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5940 Datasheet(HTML) 65 Page - Analog Devices

Back Button AD5940 Datasheet HTML 61Page - Analog Devices AD5940 Datasheet HTML 62Page - Analog Devices AD5940 Datasheet HTML 63Page - Analog Devices AD5940 Datasheet HTML 64Page - Analog Devices AD5940 Datasheet HTML 65Page - Analog Devices AD5940 Datasheet HTML 66Page - Analog Devices AD5940 Datasheet HTML 67Page - Analog Devices AD5940 Datasheet HTML 68Page - Analog Devices AD5940 Datasheet HTML 69Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 143 page
background image
Data Sheet
AD5940/AD5941
HIGH PERFORMANCE ADC CIRCUIT
analog.com
Rev. D | 65 of 143
Table 54. ADC Calibration Registers Summary (Continued)
Address
Name
Description
Reset
Access
0x00002238
ADCGAINTEMPSENS
ADC gain calibration temperature sensor channel register
0x00004000
R/W
Calibration Data Lock Register—CALDATLOCK
Address 0x00002230, Reset: 0x00000000, Name: CALDATLOCK
Table 55. Bit Descriptions for CALDATLOCK Register
Bits
Bit Name
Settings
Description
Reset
Access
[31:0]
Key
Password for calibration data registers. These bits prevent the overwriting of data after the
calibration phase.
0x0
R/W
0xDE87A5AF Write this value to unlock the calibration registers.
ADC Offset Calibration on the Low Power TIA Channel Register—ADCOFFSETLPTIA
Address 0x00002288, Reset: 0x00000000, Name: ADCOFFSETLPTIA
Table 56. Bit descriptions for ADCOFFSETLPTIA Register
Bits
Bit Name
Settings
Description
Reset
Access
[31:15]
Reserved
Reserved.
0x0
R
[14:0]
Value
Offset calibration for the low power TIA. The ADC offset correction for the low power TIA channel is
represented as a twos complement number. The calibration resolution is 0.25 LSBs of the ADCDAT
LSB size.
0x0
R/W
0x3FFF 4095.75. Maximum positive offset calibration value.
0x0001 0.25. Minimum positive offset calibration value.
0x0000 0. No offset adjustment.
0x7FFF −0.25. Minimum negative offset calibration value.
0x4000 −4096.0. Maximum negative offset calibration value.
ADC Gain Calibration for the Low Power TIA Channel Register—ADCGNLPTIA
Address 0x0000228C, Reset: 0x00004000, Name: ADCGNLPTIA
Table 57. Bit Descriptions for ADCGNLPTIA Register
Bits
Bit Name
Settings
Description
Reset
Access
[31:15]
Reserved
Reserved.
0x0
R
[14:0]
Value
Gain error calibration for the low power TIA.
0x4000
R/W
0x7FFF 2. Maximum positive gain adjustment.
0x4001 1.000 061. Minimum positive gain adjustment.
0x4000 1.0. ADC result multiplied by 1. No gain adjustment (default).
0x3FFF 0.999939. Minimum negative gain adjustment.
0x2000 0.5. ADC result multiplied by 0.5.
0x0001 0.000061. Maximum negative gain adjustment.
0x0000 0. Illegal value; results in an ADC result of 0.
ADC Offset Calibration on the High Speed TIA Channel Register—ADCOFFSETHSTIA
Address 0x00002234, Reset: 0x00000000, Name: ADCOFFSETHSTIA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com