Electronic Components Datasheet Search
  English  ▼

X  

AD5940 Datasheet(PDF) 49 Page - Analog Devices

Part # AD5940
Description  High Precision, Impedance, and Electrochemical Front End
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5940 Datasheet(HTML) 49 Page - Analog Devices

Back Button AD5940 Datasheet HTML 45Page - Analog Devices AD5940 Datasheet HTML 46Page - Analog Devices AD5940 Datasheet HTML 47Page - Analog Devices AD5940 Datasheet HTML 48Page - Analog Devices AD5940 Datasheet HTML 49Page - Analog Devices AD5940 Datasheet HTML 50Page - Analog Devices AD5940 Datasheet HTML 51Page - Analog Devices AD5940 Datasheet HTML 52Page - Analog Devices AD5940 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 143 page
background image
Data Sheet
AD5940/AD5941
HIGH SPEED DAC CIRCUITS
analog.com
Rev. D | 49 of 143
Table 33. Bit Descriptions for DACOFFSET Register (Continued)
Bits
Bit Name
Settings
Description
Reset
Access
[11:0]
Value
DAC offset correction factor. This value is a signed number represented in twos complement format
with 0.5 LSB precision. Used when the attenuator is disabled.
0x0
R/W
0x7FF 210 − 0.5. Maximum positive adjustment that results in a positive full scale/2 − 0.5 LSB adjustment.
0x001 0.5. Results in a 0.5 LSB adjustment.
0x000 0. No offset adjustment.
0xFFF −0.5. Results in a −0.5 LSB adjustment.
0x800 −210. Maximum negative adjustment that results in negative full scale/2 adjustment.
DAC Offset with Attenuator Enabled (High Speed Mode Register)—DACOFFSETATTENHS
Address 0x000022B8, Reset: 0x00000000, Name: DACOFFSETATTENHS
Protected by CALDATLOCK. The LSB adjustment is typically 4.9 μV for HSDACCON, Bit 12 = 1 and HSDACCON, Bit 0 = 1. The LSB
adjustment is typically 24.7 μV for HSDACCON, Bit 12 = 1 and HSDACCON, Bit 0 = 0.
Table 34. Bit Descriptions for DACOFFSETATTENHS Register
Bits
Bit Name
Settings
Description
Reset
Access
[31:12]
Reserved
Reserved.
0x0
R
[11:0]
Value
DAC offset correction factor. This value is a signed number represented in twos complement format
with 0.5 LSB precision. Used when the attenuator is enabled.
0x0
R/W
0x7FF 210 − 0.5. Maximum positive adjustment that results in a positive full scale/2 − 0.5 LSB adjustment.
0x001 0.5. Results in a 0.5 LSB adjustment.
0x000 0. No offset adjustment.
0xFFF −0.5. Results in a −0.5 LSB adjustment.
0x800 −210. Maximum negative adjustment that results in negative full scale/2 adjustment.
DAC Offset with Attenuator Disabled (High Speed Mode Register)—DACOFFSETHS
Address 0x000022BC, Reset: 0x00000000, Name: DACOFFSETHS
Protected by CALDATLOCK. The LSB adjustment is typically 197.7 μV for HSDACCON, Bit 12 = 0 and HSDACCON, Bit 0 = 0. The LSB
adjustment is typically 39.5 μV for HSDACCON, Bit 12 = 0 and HSDACCON, Bit 0 = 1.
Table 35. Bit Descriptions for DACOFFSETHS
Bits
Bit Name
Settings
Description
Reset
Access
[31:12]
Reserved
Reserved.
0x0
R
[11:0]
Value
DAC offset correction factor. This value is a signed number represented in twos complement format
with 0.5 LSB precision. Used when the attenuator is disabled.
0x0
R/W
0x7FF 210 − 0.5. Maximum positive adjustment that results in a positive full scale/2 − 0.5 LSB adjustment.
0x001 0.5. Results in a 0.5 LSB adjustment.
0x000 0. No offset adjustment.
0xFFF −0.5. Results in a −0.5 LSB adjustment.
0x800 −210. Maximum negative adjustment that results in negative full scale/2 adjustment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com