Electronic Components Datasheet Search
  English  ▼

X  

AD5940 Datasheet(PDF) 62 Page - Analog Devices

Part # AD5940
Description  High Precision, Impedance, and Electrochemical Front End
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5940 Datasheet(HTML) 62 Page - Analog Devices

Back Button AD5940 Datasheet HTML 58Page - Analog Devices AD5940 Datasheet HTML 59Page - Analog Devices AD5940 Datasheet HTML 60Page - Analog Devices AD5940 Datasheet HTML 61Page - Analog Devices AD5940 Datasheet HTML 62Page - Analog Devices AD5940 Datasheet HTML 63Page - Analog Devices AD5940 Datasheet HTML 64Page - Analog Devices AD5940 Datasheet HTML 65Page - Analog Devices AD5940 Datasheet HTML 66Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 143 page
background image
Data Sheet
AD5940/AD5941
HIGH PERFORMANCE ADC CIRCUIT
analog.com
Rev. D | 62 of 143
Table 50. Bit Descriptions for TEMPSENS Register (Continued)
Bits
Bit Name
Settings
Description
Reset
Access
1 Enables chop. If chopping is enabled, take 2× consecutive samples and average the results to obtain
a final temperature sensor channel reading. Chopping reduces the offset error associated with this
channel.
0
Enable
Unused. Temperature sensor enable. AFECON, Bit 12 overrides this bit.
0x0
R/W
0 Disable temperature sensor.
1 Enable temperature sensor. Temperature sensor enable. AFECON, Bit 12 overrides this bit.
ADC Configuration Register—ADCCON
Address 0x000021A8, Reset: 0x00000000, Name: ADCCON
Table 51. Bit Descriptions for ADCCON Register
Bits
Bit Name
Settings
Description
Reset
Access
[31:29]
Reserved
Reserved.
0x0
R
[18:16]
GNPGA
PGA gain setup.
0x0
R/W
0 Gain = 1.
1 Gain = 1.5.
10 Gain = 2.
11 Gain = 4.
100 Gain = 9.
101 Gain = 9.
15
GNOFSELPGA
Internal offset/gain cancellation.
0x0
R/W
0 DC offset cancellation disabled.
1 Enables dc offset cancellation. When the PGA is enabled, only a gain value of 4 is supported.
[14:13]
Reserved
Reserved.
0x0
R/W
[12:8]
MUXSELN
Select signals for the ADC input multiplexer as negative input.
0x0
R/W
00000 Floating input.
00001 High speed TIA negative input
00010 Low power TIA negative input
00011 Reserved.
00100 AIN0.
00101 AIN1.
00110 AIN2.
00111 AIN3/BUF_VREF1V8.
01000 VBIAS_CAP.
01001 Reserved.
01010 Reserved.
01011 Temperature sensor negative output. TEMPSEN_N.
01100 AIN4/LPF0.
01101 Reserved.
01110 AIN6. (AD5940 only)
01111 Reserved.
10000 VZERO0—Measured at VZERO pin.
10001 VBIAS0—Measured at VBIAS pin.
10010 Reserved.
10011 Reserved.
10100 Negative node of excitation amplifier.
10101 Reserved.
10110 Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com