Electronic Components Datasheet Search
  English  ▼

X  

AD5940 Datasheet(PDF) 19 Page - Analog Devices

Part # AD5940
Description  High Precision, Impedance, and Electrochemical Front End
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5940 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD5940 Datasheet HTML 15Page - Analog Devices AD5940 Datasheet HTML 16Page - Analog Devices AD5940 Datasheet HTML 17Page - Analog Devices AD5940 Datasheet HTML 18Page - Analog Devices AD5940 Datasheet HTML 19Page - Analog Devices AD5940 Datasheet HTML 20Page - Analog Devices AD5940 Datasheet HTML 21Page - Analog Devices AD5940 Datasheet HTML 22Page - Analog Devices AD5940 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 143 page
background image
Data Sheet
AD5940/AD5941
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. D | 19 of 143
Figure 4. AD5940 Pin Configuration
Figure 5. AD5941 Pin Configuration
Table 7. Pin Function Descriptions
Pin No.
Mnemonic
Input/Output
Supply
Description
AD5940
AD5941
A1
28
AFE4
Analog
Uncommitted Analog Front End Pin 4.
A2
27
AFE3
Analog
Uncommitted Analog Front End Pin 3.
A3
37
AIN2
Analog
Uncommitted Analog Input Pin 2. This pin connects to the switch matrix.
A4
41
AVDD
Supply
Analog Circuit Power. Short this pin to Pin F2 (AVDD).
A5
43
VREF_1V82
Analog
1.82 V Reference Decoupling Capacitor Pin. The recommended capacitor value is
4.7 µF.
A6
45
SE0
Analog
Sense Electrode Input Pin for High Bandwidth and Low Bandwidth Loop Circuits.
This pin connects to the switch matrix.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com