Electronic Components Datasheet Search
  English  ▼

X  

AD5940 Datasheet(PDF) 7 Page - Analog Devices

Part # AD5940
Description  High Precision, Impedance, and Electrochemical Front End
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5940 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD5940 Datasheet HTML 3Page - Analog Devices AD5940 Datasheet HTML 4Page - Analog Devices AD5940 Datasheet HTML 5Page - Analog Devices AD5940 Datasheet HTML 6Page - Analog Devices AD5940 Datasheet HTML 7Page - Analog Devices AD5940 Datasheet HTML 8Page - Analog Devices AD5940 Datasheet HTML 9Page - Analog Devices AD5940 Datasheet HTML 10Page - Analog Devices AD5940 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 143 page
background image
Data Sheet
AD5940/AD5941
SPECIFICATIONS
analog.com
Rev. D | 7 of 143
AVDD = DVDD = 2.8 V to 3.6 V; the maximum difference between supplies = 0.3 V; IOVDD = 1.8 V ± 10% and 2.8 V to 3.6 V; the ADC
reference, excitation, DAC, and amplifier = 1.82 V, internal reference; low power DAC reference = 2.5 V, internal reference; TA = −40°C to
+85°C for the AD5940 and AD5941, unless otherwise noted. TA = −40°C to 105°C for the AD5941W, unless otherwise noted.
Table 1.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
BASIC ADC SPECIFICATIONS
Pseudo differential mode measured relative to ADC bias
voltage (voltage on VBIAS_CAP1 pin, 1.11 V), unless
otherwise noted; specifications based on high speed mode,
unless otherwise noted; ADC voltage channel calibrated in
production with PGA gain = 1.5; AFE die clock for the analog
domain (ACLK) = 32 MHz or 16 MHz, unless otherwise
noted
Data Rate2
fSAMPLE
400
kSPS
High speed mode; decimation factor = 4
200
kSPS
Normal mode; decimation factor = 4
Resolution2
16
Bits
Number of data bits
Integral Nonlinearity2
INL
Normal Mode
−4
±2.0
+4
LSB
PGA gain = 1.5, 1.82 V internal reference,1 LSB = 1.82 V ÷
215 ÷ PGA gain
−5.6
±2.0
+4.7
LSB
PGA gain = 9, 1.82 V internal reference
Differential Nonlinearity2
DNL
Normal Mode
−0.99
±0.9
+2.5
LSB
PGA gain = 1.5, 1.82 V internal reference; 1 LSB = 1.82 V ÷
215 ÷ PGA gain, no missing codes
DC Code Distribution3
±6
LSB
PGA gain = 1.5, low power mode, ADC input = 0.9 V; ADC
output data rate = 200 kSPS; 1 LSB = 1.82 V ÷ 215
±6
LSB
Input channel is low power TIA = 1 µA, RTIA = 512 kΩ,
RLOAD = 10 Ω, ADC output data rate = 200 kSPS
±6
LSB
Input channel is high speed TIA = 1 µA, RTIA = 10 kΩ, RLOAD
= 100 Ω, ADC output data rate = 200 kSPS
ADC ENDPOINT ERRORS
Offset Error
Low Power Mode
−600
±200
+600
µV
PGA gain = 1.5, low power mode, all channels except AIN3
−620
±200
+880
µV
PGA gain = 1.5, AIN3 only
High Power Mode2, 4
−1.1
±0.5
+1.4
mV
PGA gain = 1.5
Drift over Temperature2
±3
µV/°C
Using 1.82 V internal reference
Offset Matching
±2
LSB
Matching compared to AIN3
Full-Scale Error
−1000
±400
+800
µV
PGA gain = 1.5, excluding internal channels and AIN3; both
negative and positive full scale; error at both endpoints
−1000
+1000
µV
PGA gain = 1.5, AIN3 only
High Power Mode2, 4
−2.2
±0.9
+1.82
mV
PGA gain = 1.5
Internal Channels2
0.2
0.75
% FS
AVDD/2, DVDD/2, VBIAS_CAP, VREF_2V5, VREF_1V82,
AVDD_REG
Gain Drift over Temperature2
−3
±1
+3
µV/°C
Full-scale error drift minus offset error drift
Gain Error Matching
±3
LSB
Mismatch from channel to channel
PGA Mismatch Error2
ADC offset and gain calibration5, 6, 7, 8 with a gain value of
1.5
PGA Gain = 1 to 1.5
−0.2
+0.1
+0.3
%
PGA Gain = 1.5 to 2
−0.2
+0.1
+0.3
%
PGA Gain = 2 to 4
−0.65
+0.2
+0.65
%
PGA Gain = 4 to 9
−0.65
+0.2
+0.65
%
ADC DYNAMIC PERFORMANCE
fIN = 20 kHz sine wave, fSAMPLE = 200 kSPS; using AINx
voltage input channels; PGA gain = 1.5
Signal-to-Noise Ratio
SNR
Includes distortion and noise components



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com