Electronic Components Datasheet Search
  English  ▼

X  

AD5940 Datasheet(PDF) 6 Page - Analog Devices

Part # AD5940
Description  High Precision, Impedance, and Electrochemical Front End
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5940 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD5940 Datasheet HTML 2Page - Analog Devices AD5940 Datasheet HTML 3Page - Analog Devices AD5940 Datasheet HTML 4Page - Analog Devices AD5940 Datasheet HTML 5Page - Analog Devices AD5940 Datasheet HTML 6Page - Analog Devices AD5940 Datasheet HTML 7Page - Analog Devices AD5940 Datasheet HTML 8Page - Analog Devices AD5940 Datasheet HTML 9Page - Analog Devices AD5940 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 143 page
background image
Data Sheet
AD5940/AD5941
GENERAL DESCRIPTION
analog.com
Rev. D | 6 of 143
The AD5940 and AD5941 are high precision, low power analog
front ends (AFEs) designed for portable applications that require
high precision, electrochemical-based measurement techniques,
such as amperometric, voltammetric, or impedance measurements.
The AD5940/AD5941 is designed for skin impedance and body
impedance measurements, and works with the AD8233 AFE in
a complete bioelectric or biopotential measurement system. The
AD5940/AD5941 is designed for electrochemical toxic gas sensing.
The AD5940/AD5941 consist of two high precision excitation loops
and one common measurement channel, which enables a wide
capability of measurements of the sensor under test. The first
excitation loop consists of an ultra low power, dual-output string,
digital-to-analog converter (DAC), and a low power, low noise po-
tentiostat. One output of the DAC controls the noninverting input of
the potentiostat, and the other output controls the noninverting input
of the transimpedance amplifier (TIA). This low power excitation
loop is capable of generating signals from dc to 200 Hz.
The second excitation loop consists of a 12-bit DAC, referred to
as the high speed DAC. This DAC is capable of generating high
frequency excitation signals up to 200 kHz.
The AD5940/AD5941 measurement channel features a 16-bit, 800
kSPS, multichannel successive approximation register (SAR) ana-
log-to-digital converter (ADC) with input buffers, a built in antialias
filter, and a programmable gain amplifier (PGA). An input multiplex-
er (mux) in front of the ADC allows the user to select an input
channel for measurement. These input channels include multiple
external current inputs, external voltage inputs, and internal chan-
nels. The internal channels allow diagnostic measurements of the
internal supply voltages, die temperature, and reference voltages.
The current inputs include two TIAs with programmable gain and
load resistors for measuring different sensor types. The first TIA,
referred to as the low power TIA, measures low bandwidth signals.
The second TIA, referred to as the high speed TIA, measures high
bandwidth signals up to 200 kHz.
An ultra low leakage, programmable switch matrix connects the
sensor to the internal analog excitation and measurement blocks.
This matrix provides an interface for connecting external transimpe-
dance amplifier resistors (RTIAs) and calibration resistors. The ma-
trix can also be used to multiplex multiple electronic measurement
devices to the same wearable electrodes.
A precision 1.82 V and 2.5 V on-chip reference source is available.
The internal ADC and DAC circuits use this on-chip reference
source to ensure low drift performance for the 1.82 V and 2.5 V
peripherals.
The AD5940/AD5941 measurement blocks can be controlled via
direct register writes through the serial peripheral interface (SPI)
interface, or, alternatively, by using a preprogrammable sequencer,
which provides autonomous control of the AFE chip. 6 kB of static
random access memory (SRAM) is partitioned for a deep data first
in, first out (FIFO) and command FIFO. Measurement commands
are stored in the command FIFO and measurement results are
stored in the data FIFO. A number of FIFO related interrupts are
available to indicate when the FIFO is full.
A number of general-purpose inputs/outputs (GPIOs) are available
and controlled using the AFE sequencer. The AFE sequencer
allows cycle accurate control of multiple external sensor devices.
The AD5940/AD5941 operate from a 2.8 V to 3.6 V supply and
are specified over a temperature range of −40°C to +85°C. The
AD5940 is packaged in a 56-lead, 3.6 mm × 4.2 mm WLCSP. The
AD5941 is packaged in a 48-lead LFCSP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com