Electronic Components Datasheet Search
  English  ▼

X  

AD5940 Datasheet(PDF) 73 Page - Analog Devices

Part # AD5940
Description  High Precision, Impedance, and Electrochemical Front End
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5940 Datasheet(HTML) 73 Page - Analog Devices

Back Button AD5940 Datasheet HTML 69Page - Analog Devices AD5940 Datasheet HTML 70Page - Analog Devices AD5940 Datasheet HTML 71Page - Analog Devices AD5940 Datasheet HTML 72Page - Analog Devices AD5940 Datasheet HTML 73Page - Analog Devices AD5940 Datasheet HTML 74Page - Analog Devices AD5940 Datasheet HTML 75Page - Analog Devices AD5940 Datasheet HTML 76Page - Analog Devices AD5940 Datasheet HTML 77Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 143 page
background image
Data Sheet
AD5940/AD5941
HIGH PERFORMANCE ADC CIRCUIT
analog.com
Rev. D | 73 of 143
Table 80. Bit Descriptions for STATSCON Register (Continued)
Bits
Bit Name
Settings
Description
Reset
Access
0
STATSEN
Statistics enable.
0x0
R/W
0 Disable statistics.
1 Enable statistics.
Statistics Mean Output Register—STATSMEAN
Address 0x000021C8, Reset: 0x00000000, Name: STATSMEAN
Table 81. Bit Descriptions for STATSMEAN Register
Bits
Bit Name
Settings
Description
Reset
Access
[31:16]
Reserved
Reserved.
0x0
R
[15:0]
Mean
Mean output. These bits form the mean value calculated for the number of ADC samples set by
STATSCON, Bits[6:4].
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com