Electronic Components Datasheet Search
  English  ▼

X  

H838024 Datasheet(PDF) 108 Page - Renesas Technology Corp

Part # H838024
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024 Datasheet(HTML) 108 Page - Renesas Technology Corp

Back Button H838024 Datasheet HTML 104Page - Renesas Technology Corp H838024 Datasheet HTML 105Page - Renesas Technology Corp H838024 Datasheet HTML 106Page - Renesas Technology Corp H838024 Datasheet HTML 107Page - Renesas Technology Corp H838024 Datasheet HTML 108Page - Renesas Technology Corp H838024 Datasheet HTML 109Page - Renesas Technology Corp H838024 Datasheet HTML 110Page - Renesas Technology Corp H838024 Datasheet HTML 111Page - Renesas Technology Corp H838024 Datasheet HTML 112Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 697 page
background image
Section 2 CPU
Rev. 7.00 Mar 10, 2005 page 66 of 652
REJ09B0042-0700
2.9
Application Notes
2.9.1
Notes on Data Access
1. Access to Empty Areas:
The address space of the H8/300L CPU includes empty areas in addition to the RAM,
registers, and ROM areas available to the user. If these empty areas are mistakenly accessed
by an application program, the following results will occur.
Data transfer from CPU to empty area:
The transferred data will be lost. This action may also cause the CPU to misoperate.
Data transfer from empty area to CPU:
Unpredictable data is transferred.
2. Access to Internal I/O Registers:
Internal data transfer to or from on-chip modules other than the ROM and RAM areas makes
use of an 8-bit data width. If word access is attempted to these areas, the following results will
occur.
Word access from CPU to I/O register area:
Upper byte: Will be written to I/O register.
Lower byte: Transferred data will be lost.
Word access from I/O register to CPU:
Upper byte: Will be written to upper part of CPU register.
Lower byte: Unpredictable data will be written to lower part of CPU register.
Byte size instructions should therefore be used when transferring data to or from I/O registers
other than the on-chip ROM and RAM areas. Figure 2.17 shows the data size and number of
states in which on-chip peripheral modules can be accessed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com