Electronic Components Datasheet Search
  English  ▼

X  

H838024 Datasheet(PDF) 110 Page - Renesas Technology Corp

Part # H838024
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024 Datasheet(HTML) 110 Page - Renesas Technology Corp

Back Button H838024 Datasheet HTML 106Page - Renesas Technology Corp H838024 Datasheet HTML 107Page - Renesas Technology Corp H838024 Datasheet HTML 108Page - Renesas Technology Corp H838024 Datasheet HTML 109Page - Renesas Technology Corp H838024 Datasheet HTML 110Page - Renesas Technology Corp H838024 Datasheet HTML 111Page - Renesas Technology Corp H838024 Datasheet HTML 112Page - Renesas Technology Corp H838024 Datasheet HTML 113Page - Renesas Technology Corp H838024 Datasheet HTML 114Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 697 page
background image
Section 2 CPU
Rev. 7.00 Mar 10, 2005 page 68 of 652
REJ09B0042-0700
2.9.2
Notes on Bit Manipulation
The BSET, BCLR, BNOT, BST, and BIST instructions read one byte of data, modify the data,
then write the data byte again. Special care is required when using these instructions in cases
where two registers are assigned to the same address, in the case of registers that include write-
only bits, and when the instruction accesses an I/O port.
Order of Operation
Operation
1
Read
Read byte data at the designated address
2
Modify
Modify a designated bit in the read data
3
Write
Write the altered byte data to the designated address
1. Bit manipulation in two registers assigned to the same address
Example 1: timer load register and timer counter
Figure 2.18 shows an example in which two timer registers share the same address. When a bit
manipulation instruction accesses the timer load register and timer counter of a reloadable timer,
since these two registers share the same address, the following operations take place.
Order of Operation
Operation
1
Read
Timer counter data is read (one byte)
2
Modify
The CPU modifies (sets or resets) the bit designated in the instruction
3
Write
The altered byte data is written to the timer load register
The timer counter is counting, so the value read is not necessarily the same as the value in the
timer load register. As a result, bits other than the intended bit in the timer load register may be
modified to the timer counter value.
Read
Write
Count clock
Timer counter
Timer load register
Reload
Internal
data bus
Figure 2.18 Timer Configuration Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com