Electronic Components Datasheet Search
  English  ▼

X  

H838024 Datasheet(PDF) 112 Page - Renesas Technology Corp

Part # H838024
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024 Datasheet(HTML) 112 Page - Renesas Technology Corp

Back Button H838024 Datasheet HTML 108Page - Renesas Technology Corp H838024 Datasheet HTML 109Page - Renesas Technology Corp H838024 Datasheet HTML 110Page - Renesas Technology Corp H838024 Datasheet HTML 111Page - Renesas Technology Corp H838024 Datasheet HTML 112Page - Renesas Technology Corp H838024 Datasheet HTML 113Page - Renesas Technology Corp H838024 Datasheet HTML 114Page - Renesas Technology Corp H838024 Datasheet HTML 115Page - Renesas Technology Corp H838024 Datasheet HTML 116Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 697 page
background image
Section 2 CPU
Rev. 7.00 Mar 10, 2005 page 70 of 652
REJ09B0042-0700
To avoid this problem, store a copy of the PDR3 data in a work area in memory. Perform the bit
manipulation on the data in the work area, then write this data to PDR3.
[A: Prior to executing BSET]
MOV. B
#80,
R0L
The PDR3 value (H'80) is written to a work area in memory
MOV. B
R0L,
@RAM0
(RAM0) as well as to PDR3
MOV. B
R0L,
@PDR3
P37
P36
P35
P34
P33
P32
P31
P30
Input/output Input
Input
Output
Output
Output
Output
Output
Output
Pin state
Low level High level Low level Low level Low level Low level Low level Low level
PCR3
00111111
PDR3
10000000
RAM0
10000000
[B: BSET instruction executed]
BSET
#0
,
@RAM0
The BSET instruction is executed designating the PDR3
work area (RAM0).
[C: After executing BSET]
MOV. B
@RAM0, R0L
The work area (RAM0) value is written to PDR3.
MOV. B
R0L,
@PDR3
P37
P36
P35
P34
P33
P32
P31
P30
Input/output Input
Input
Output
Output
Output
Output
Output
Output
Pin state
Low level High level Low level Low level Low level Low level Low level High level
PCR3
00111111
PDR3
1000000
1
RAM0
1000000
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com