Electronic Components Datasheet Search
  English  ▼

X  

H838024 Datasheet(PDF) 111 Page - Renesas Technology Corp

Part # H838024
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024 Datasheet(HTML) 111 Page - Renesas Technology Corp

Back Button H838024 Datasheet HTML 107Page - Renesas Technology Corp H838024 Datasheet HTML 108Page - Renesas Technology Corp H838024 Datasheet HTML 109Page - Renesas Technology Corp H838024 Datasheet HTML 110Page - Renesas Technology Corp H838024 Datasheet HTML 111Page - Renesas Technology Corp H838024 Datasheet HTML 112Page - Renesas Technology Corp H838024 Datasheet HTML 113Page - Renesas Technology Corp H838024 Datasheet HTML 114Page - Renesas Technology Corp H838024 Datasheet HTML 115Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 697 page
background image
Section 2 CPU
Rev. 7.00 Mar 10, 2005 page 69 of 652
REJ09B0042-0700
Example 2: BSET instruction executed designating port 3
P37 and P36 are designated as input pins, with a low-level signal input at P37 and a high-level
signal at P36. The remaining pins, P35 to P31, are output pins and output low-level signals. In this
example, the BSET instruction is used to change pin P30 to high-level output.
[A: Prior to executing BSET]
P37
P36
P35
P34
P33
P32
P31
P30
Input/output Input
Input
Output
Output
Output
Output
Output
Output
Pin state
Low level High level Low level Low level Low level Low level Low level Low level
PCR3
00111111
PDR3
10000000
[B: BSET instruction executed]
BSET
#0
,
@PDR3
The BSET instruction is executed designating port 3.
[C: After executing BSET]
P37
P36
P35
P34
P33
P32
P31
P30
Input/output Input
Input
Output
Output
Output
Output
Output
Output
Pin state
Low level High level Low level Low level Low level Low level Low level High level
PCR3
00111111
PDR3
0
100000
1
[D: Explanation of how BSET operates]
When the BSET instruction is executed, first the CPU reads port 3.
Since P37 and P36 are input pins, the CPU reads the pin states (low-level and high-level input).
P35 to P30 are output pins, so the CPU reads the value in PDR3. In this example PDR3 has a value
of H'80, but the value read by the CPU is H'40.
Next, the CPU sets bit 0 of the read data to 1, changing the PDR3 data to H'41. Finally, the CPU
writes this value (H'41) to PDR3, completing execution of BSET.
As a result of this operation, bit 0 in PDR3 becomes 1, and P30 outputs a high-level signal.
However, bits 7 and 6 of PDR3 end up with different values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com