Electronic Components Datasheet Search
  English  ▼

X  

H838024 Datasheet(PDF) 118 Page - Renesas Technology Corp

Part # H838024
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024 Datasheet(HTML) 118 Page - Renesas Technology Corp

Back Button H838024 Datasheet HTML 114Page - Renesas Technology Corp H838024 Datasheet HTML 115Page - Renesas Technology Corp H838024 Datasheet HTML 116Page - Renesas Technology Corp H838024 Datasheet HTML 117Page - Renesas Technology Corp H838024 Datasheet HTML 118Page - Renesas Technology Corp H838024 Datasheet HTML 119Page - Renesas Technology Corp H838024 Datasheet HTML 120Page - Renesas Technology Corp H838024 Datasheet HTML 121Page - Renesas Technology Corp H838024 Datasheet HTML 122Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 697 page
background image
Section 3 Exception Handling
Rev. 7.00 Mar 10, 2005 page 76 of 652
REJ09B0042-0700
When system power is turned on or off, the
RES pin should be held low.
Figure 3.1 shows the reset sequence starting from
RES input.
See section 14.3.1, Power-On Reset Circuit, for information on the reset sequence for the
H8/38124 Group, which is equipped with an on-chip power-on reset circuit.
Vector fetch
φ
Internal
address bus
Internal read
signal
Internal write
signal
Internal data
bus (16-bit)
RES
Internal
processing
Program initial
instruction prefetch
(1) Reset exception handling vector address (H'0000)
(2) Program start address
(3) First instruction of program
(2)
(3)
(2)
(1)
Reset cleared
Figure 3.1 Reset Sequence
3.2.3
Interrupt Immediately after Reset
After a reset, if an interrupt were to be accepted before the stack pointer (SP: R7) was initialized,
PC and CCR would not be pushed onto the stack correctly, resulting in program runaway. To
prevent this, immediately after reset exception handling all interrupts are masked. For this reason,
the initial program instruction is always executed immediately after a reset. This instruction
should initialize the stack pointer (e.g. MOV.W #xx: 16, SP).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com