Electronic Components Datasheet Search
  English  ▼

X  

H838024 Datasheet(PDF) 120 Page - Renesas Technology Corp

Part # H838024
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024 Datasheet(HTML) 120 Page - Renesas Technology Corp

Back Button H838024 Datasheet HTML 116Page - Renesas Technology Corp H838024 Datasheet HTML 117Page - Renesas Technology Corp H838024 Datasheet HTML 118Page - Renesas Technology Corp H838024 Datasheet HTML 119Page - Renesas Technology Corp H838024 Datasheet HTML 120Page - Renesas Technology Corp H838024 Datasheet HTML 121Page - Renesas Technology Corp H838024 Datasheet HTML 122Page - Renesas Technology Corp H838024 Datasheet HTML 123Page - Renesas Technology Corp H838024 Datasheet HTML 124Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 697 page
background image
Section 3 Exception Handling
Rev. 7.00 Mar 10, 2005 page 78 of 652
REJ09B0042-0700
Table 3.2
Interrupt Sources and Their Priorities
Interrupt Source
Interrupt
Vector Number Vector Address
Priority
RES
Watchdog timer
Reset
0
H'0000 to H'0001
High
IRQ0
LVDI*
IRQ0
Low-voltage detect interrupt*
4
H'0008 to H'0009
IRQ1
IRQ1
5
H'000A to H'000B
IRQAEC
IRQAEC
6
H'000C to H'000D
IRQ3
IRQ3
7
H'000E to H'000F
IRQ4
IRQ4
8
H'0010 to H'0011
WKP0
WKP1
WKP2
WKP3
WKP4
WKP5
WKP6
WKP7
WKP0
WKP1
WKP2
WKP3
WKP4
WKP5
WKP6
WKP7
9
H'0012 to H'0013
Timer A
Timer A overflow
11
H'0016 to H'0017
Asynchronous
event counter
Asynchronous event
counter overflow
12
H'0018 to H'0019
Timer C
Timer C overflow or underflow 13
H'001A to H'001B
Timer FL
Timer FL compare match
Timer FL overflow
14
H'001C to H'001D
Timer FH
Timer FH compare match
Timer FH overflow
15
H'001E to H'001F
Timer G
Timer G input capture
Timer G overflow
16
H'0020 to H'0021
SCI3
SCI3 transmit end
SCI3 transmit data empty
SCI3 receive data full
SCI3 overrun error
SCI3 framing error
SCI3 parity error
18
H'0024 to H'0025
A/D
A/D conversion end
19
H'0026 to H'0027
(SLEEP instruction
executed)
Direct transfer
20
H'0028 to H'0029
Low
Notes: Vector addresses H'0002 to H'0007, H'0014 to H'0015, and H'0022 to H'0023 are reserved
and cannot be used.
* The low-voltage detect interrupt triggered by the LVDI is only implemented on the
H8/38124 Group.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com