Electronic Components Datasheet Search
  English  ▼

X  

H838024 Datasheet(PDF) 121 Page - Renesas Technology Corp

Part # H838024
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024 Datasheet(HTML) 121 Page - Renesas Technology Corp

Back Button H838024 Datasheet HTML 117Page - Renesas Technology Corp H838024 Datasheet HTML 118Page - Renesas Technology Corp H838024 Datasheet HTML 119Page - Renesas Technology Corp H838024 Datasheet HTML 120Page - Renesas Technology Corp H838024 Datasheet HTML 121Page - Renesas Technology Corp H838024 Datasheet HTML 122Page - Renesas Technology Corp H838024 Datasheet HTML 123Page - Renesas Technology Corp H838024 Datasheet HTML 124Page - Renesas Technology Corp H838024 Datasheet HTML 125Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 697 page
background image
Section 3 Exception Handling
Rev. 7.00 Mar 10, 2005 page 79 of 652
REJ09B0042-0700
3.3.2
Interrupt Control Registers
Table 3.3 lists the registers that control interrupts.
Table 3.3
Interrupt Control Registers
Name
Abbreviation
R/W
Initial Value
Address
IRQ edge select register
IEGR
R/W
—
H'FFF2
Interrupt enable register 1
IENR1
R/W
—
H'FFF3
Interrupt enable register 2
IENR2
R/W
—
H'FFF4
Interrupt request register 1
IRR1
R/W*
—
H'FFF6
Interrupt request register 2
IRR2
R/W*
—
H'FFF7
Wakeup interrupt request register
IWPR
R/W*
H'00
H'FFF9
Wakeup edge select register
WEGR
R/W
H'00
H'FF90
Note: * Write is enabled only for writing of 0 to clear a flag.
IRQ Edge Select Register (IEGR)
Bit
Initial value
Read/Write
7
1
6
1
5
1
4
IEG4
0
R/W
3
IEG3
0
R/W
0
IEG0
0
R/W
2
W
1
IEG1
0
R/W
IEGR is an 8-bit read/write register used to designate whether pins
IRQ
4,
IRQ
3,
IRQ
1
, and IRQ0
are set to rising edge sensing or falling edge sensing. For the IRQAEC pin edge sensing
specifications, see section 9.7, Asynchronous Event Counter (AEC).
Bits 7 to 5—Reserved
Bits 7 to 5 are reserved: they are always read as 1 and cannot be modified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com