Electronic Components Datasheet Search
  English  ▼

X  

H838024 Datasheet(PDF) 165 Page - Renesas Technology Corp

Part # H838024
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024 Datasheet(HTML) 165 Page - Renesas Technology Corp

Back Button H838024 Datasheet HTML 161Page - Renesas Technology Corp H838024 Datasheet HTML 162Page - Renesas Technology Corp H838024 Datasheet HTML 163Page - Renesas Technology Corp H838024 Datasheet HTML 164Page - Renesas Technology Corp H838024 Datasheet HTML 165Page - Renesas Technology Corp H838024 Datasheet HTML 166Page - Renesas Technology Corp H838024 Datasheet HTML 167Page - Renesas Technology Corp H838024 Datasheet HTML 168Page - Renesas Technology Corp H838024 Datasheet HTML 169Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 697 page
background image
Section 5 Power-Down Modes
Rev. 7.00 Mar 10, 2005 page 123 of 652
REJ09B0042-0700
Bits 6 to 4—Standby Timer Select 2 to 0 (STS2 to STS0)
These bits designate the time the CPU and peripheral modules wait for stable clock operation after
exiting from standby mode or watch mode to active mode due to an interrupt. The designation
should be made according to the operating frequency so that the waiting time is at least equal to
the oscillation stabilization time. Note that stabilization times for the H8/38024, H8/38024S, and
H8/38024R Group and for the H8/38124 Group are different.
• H8/38024, H8/38024S, H8/38024R Group
Bit 6
STS2
Bit 5
STS1
Bit 4
STS0
Description
000Wait time = 8,192 states
(initial value)
001Wait time = 16,384 states
010Wait time = 1,024 states
011Wait time = 2,048 states
100Wait time = 4,096 states
101Wait time = 2 states
(External clock input mode)
110Wait time = 8 states
111Wait time = 16 states
• H8/38124 Group
Bit 6
STS2
Bit 5
STS1
Bit 4
STS0
Description
000Wait time = 8,192 states
(initial value)
001Wait time = 16,384 states
010Wait time = 32,768 states
011Wait time = 65,536 states
100Wait time = 131,072 states
101Wait time = 2 states
(External clock input mode)
110Wait time = 8 states
111Wait time = 16 states
Note:
If an external clock is being input, set standby timer select to external clock mode before
mode transition. Also, do not set standby timer select to external clock mode if no external
clock is used. 8,192 states (STS2 = STS1 = STS0 = 0) is recommended if the on-chip
oscillator is used on the H8/38124 Group.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com