Electronic Components Datasheet Search
  English  ▼

X  

H838024 Datasheet(PDF) 166 Page - Renesas Technology Corp

Part # H838024
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024 Datasheet(HTML) 166 Page - Renesas Technology Corp

Back Button H838024 Datasheet HTML 162Page - Renesas Technology Corp H838024 Datasheet HTML 163Page - Renesas Technology Corp H838024 Datasheet HTML 164Page - Renesas Technology Corp H838024 Datasheet HTML 165Page - Renesas Technology Corp H838024 Datasheet HTML 166Page - Renesas Technology Corp H838024 Datasheet HTML 167Page - Renesas Technology Corp H838024 Datasheet HTML 168Page - Renesas Technology Corp H838024 Datasheet HTML 169Page - Renesas Technology Corp H838024 Datasheet HTML 170Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 697 page
background image
Section 5 Power-Down Modes
Rev. 7.00 Mar 10, 2005 page 124 of 652
REJ09B0042-0700
Bit 3—Low Speed on Flag (LSON)
This bit chooses the system clock (
φ) or subclock (φ
SUB) as the CPU operating clock when watch
mode is cleared. The resulting operation mode depends on the combination of other control bits
and interrupt input.
Bit 3
LSON
Description
0
The CPU operates on the system clock (
φ)
(initial value)
1
The CPU operates on the subclock (
φ
SUB)
Bit 2—Reserved
Bit 2 is reserved: it is always read as 1 and cannot be modified.
Bits 1 and 0—Active (Medium-Speed) Mode Clock Select (MA1, MA0)
Bits 1 and 0 choose
φ
osc/128,
φ
osc/64,
φ
osc/32, or
φ
osc/16 as the operating clock in active (medium-
speed) mode and sleep (medium-speed) mode. MA1 and MA0 should be written in active (high-
speed) mode or subactive mode.
Bit 1
MA1
Bit 0
MA0
Description
00
φ
osc/16
01
φ
osc/32
10
φ
osc/64
11
φ
osc/128
(initial value)
System Control Register 2 (SYSCR2)
Bit
Initial value
Read/Write
7
1
6
1
5
1
4
NESEL
1
R/W
3
DTON
0
R/W
0
SA0
0
R/W
2
MSON
0
R/W
1
SA1
0
R/W
SYSCR2 is an 8-bit read/write register for power-down mode control.
Bits 7 to 5—Reserved
These bits are reserved; they are always read as 1, and cannot be modified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com