Electronic Components Datasheet Search
  English  ▼

X  

H838024 Datasheet(PDF) 169 Page - Renesas Technology Corp

Part # H838024
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024 Datasheet(HTML) 169 Page - Renesas Technology Corp

Back Button H838024 Datasheet HTML 165Page - Renesas Technology Corp H838024 Datasheet HTML 166Page - Renesas Technology Corp H838024 Datasheet HTML 167Page - Renesas Technology Corp H838024 Datasheet HTML 168Page - Renesas Technology Corp H838024 Datasheet HTML 169Page - Renesas Technology Corp H838024 Datasheet HTML 170Page - Renesas Technology Corp H838024 Datasheet HTML 171Page - Renesas Technology Corp H838024 Datasheet HTML 172Page - Renesas Technology Corp H838024 Datasheet HTML 173Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 697 page
background image
Section 5 Power-Down Modes
Rev. 7.00 Mar 10, 2005 page 127 of 652
REJ09B0042-0700
5.2.2
Clearing Sleep Mode
Sleep mode is cleared by any interrupt (timer A, timer C, timer F, timer G, asynchronous event
counter, IRQAEC, IRQ4, IRQ3, IRQ1, IRQ0, WKP7 to WKP0, SCI3, A/D converter), or by input at
the
RES pin.
• Clearing by interrupt
When an interrupt is requested, sleep mode is cleared and interrupt exception handling starts.
A transition is made from sleep (high-speed) mode to active (high-speed) mode, or from sleep
(medium-speed) mode to active (medium-speed) mode. Sleep mode is not cleared if the I bit of
the condition code register (CCR) is set to 1 or the particular interrupt is disabled in the
interrupt enable register.
To synchronize the interrupt request signal with the system clock, up to 2/
φ(s) delay may occur
after the interrupt request signal occurrence, before the interrupt exception handling start.
• Clearing by RES input
When the
RES pin goes low, the CPU goes into the reset state and sleep mode is cleared.
5.2.3
Clock Frequency in Sleep (Medium-Speed) Mode
Operation in sleep (medium-speed) mode is clocked at the frequency designated by the MA1 and
MA0 bits in SYSCR1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com