Electronic Components Datasheet Search
  English  ▼

X  

H838024 Datasheet(PDF) 167 Page - Renesas Technology Corp

Part # H838024
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024 Datasheet(HTML) 167 Page - Renesas Technology Corp

Back Button H838024 Datasheet HTML 163Page - Renesas Technology Corp H838024 Datasheet HTML 164Page - Renesas Technology Corp H838024 Datasheet HTML 165Page - Renesas Technology Corp H838024 Datasheet HTML 166Page - Renesas Technology Corp H838024 Datasheet HTML 167Page - Renesas Technology Corp H838024 Datasheet HTML 168Page - Renesas Technology Corp H838024 Datasheet HTML 169Page - Renesas Technology Corp H838024 Datasheet HTML 170Page - Renesas Technology Corp H838024 Datasheet HTML 171Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 697 page
background image
Section 5 Power-Down Modes
Rev. 7.00 Mar 10, 2005 page 125 of 652
REJ09B0042-0700
Bit 4—Noise Elimination Sampling Frequency Select (NESEL)
This bit selects the frequency at which the watch clock signal (
φ
W) generated by the subclock
pulse generator is sampled, in relation to the oscillator clock (
φ
OSC) generated by the system clock
pulse generator. When
φ
OSC = 2 to 20 MHz, clear NESEL to 0.
Bit 4
NESEL
Description
0
Sampling rate is
φ
OSC/16
1
Sampling rate is
φ
OSC/4
(initial value)
Bit 3—Direct Transfer on Flag (DTON)
This bit designates whether or not to make direct transitions among active (high-speed), active
(medium-speed) and subactive mode when a SLEEP instruction is executed. The mode to which
the transition is made after the SLEEP instruction is executed depends on a combination of other
control bits.
Bit 3
DTON
Description
0
• When a SLEEP instruction is executed in active mode,
(initial value)
a transition is made to standby mode, watch mode, or sleep mode
• When a SLEEP instruction is executed in subactive mode, a transition is made to
watch mode or subsleep mode
1
• When a SLEEP instruction is executed in active (high-speed) mode, a direct
transition is made to active (medium-speed) mode if SSBY = 0, MSON = 1, and
LSON = 0, or to subactive mode if SSBY = 1, TMA3 = 1, and LSON = 1
• When a SLEEP instruction is executed in active (medium-speed) mode, a direct
transition is made to active (high-speed) mode if SSBY = 0, MSON = 0, and
LSON = 0, or to subactive mode if SSBY = 1, TMA3 = 1, and LSON = 1
• When a SLEEP instruction is executed in subactive mode, a direct transition is
made to active (high-speed) mode if SSBY = 1, TMA3 = 1, LSON = 0, and MSON
= 0, or to active (medium-speed) mode if SSBY = 1, TMA3 = 1, LSON = 0, and
MSON = 1
Bit 2—Medium Speed on Flag (MSON)
After standby, watch, or sleep mode is cleared, this bit selects active (high-speed) or active
(medium-speed) mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com