Electronic Components Datasheet Search
  English  ▼

X  

H838024 Datasheet(PDF) 191 Page - Renesas Technology Corp

Part # H838024
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024 Datasheet(HTML) 191 Page - Renesas Technology Corp

Back Button H838024 Datasheet HTML 187Page - Renesas Technology Corp H838024 Datasheet HTML 188Page - Renesas Technology Corp H838024 Datasheet HTML 189Page - Renesas Technology Corp H838024 Datasheet HTML 190Page - Renesas Technology Corp H838024 Datasheet HTML 191Page - Renesas Technology Corp H838024 Datasheet HTML 192Page - Renesas Technology Corp H838024 Datasheet HTML 193Page - Renesas Technology Corp H838024 Datasheet HTML 194Page - Renesas Technology Corp H838024 Datasheet HTML 195Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 697 page
background image
Section 6 ROM
Rev. 7.00 Mar 10, 2005 page 149 of 652
REJ09B0042-0700
Tables 6.3 and 6.4 give the electrical characteristics in programming mode.
Table 6.3
DC Characteristics
Conditions: VCC = 6.0 V ±0.25 V, VPP = 12.5 V ±0.3 V, VSS = 0 V, Ta = 25°C ±5°C
Item
Symbol Min
Typ
Max
Unit
Test
Condition
Input high-level
voltage
EO7 to EO0,
EA16 to EA0,
OE, CE, PGM
VIH
2.4
—
VCC + 0.3
V
Input low-
level voltage
EO7 to EO0,
EA16 to EA0,
OE, CE, PGM
VIL
–0.3
—
0.8
V
Output high-level
voltage
EO7 to EO0
VOH
2.4
—
—
V
IOH = –200 µA
Output low-level
voltage
EO7 to EO0
VOL
——0.45
V
IOL = 0.8 mA
Input leakage
current
EO7 to EO0,
EA16 to EA0,
OE, CE, PGM
|ILI|
——2
µA
Vin = 5.25 V/
0.5 V
VCC current
ICC
——40
mA
VPP current
IPP
——40
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com