Electronic Components Datasheet Search
  English  ▼

X  

H838024 Datasheet(PDF) 194 Page - Renesas Technology Corp

Part # H838024
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024 Datasheet(HTML) 194 Page - Renesas Technology Corp

Back Button H838024 Datasheet HTML 190Page - Renesas Technology Corp H838024 Datasheet HTML 191Page - Renesas Technology Corp H838024 Datasheet HTML 192Page - Renesas Technology Corp H838024 Datasheet HTML 193Page - Renesas Technology Corp H838024 Datasheet HTML 194Page - Renesas Technology Corp H838024 Datasheet HTML 195Page - Renesas Technology Corp H838024 Datasheet HTML 196Page - Renesas Technology Corp H838024 Datasheet HTML 197Page - Renesas Technology Corp H838024 Datasheet HTML 198Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 697 page
background image
Section 6 ROM
Rev. 7.00 Mar 10, 2005 page 152 of 652
REJ09B0042-0700
6.3.2
Programming Precautions
• Use the specified programming voltage and timing.
The programming voltage in PROM mode (VPP) is 12.5 V. Use of a higher voltage can
permanently damage the chip. Be especially careful with respect to PROM programmer
overshoot.
Setting the PROM programmer to Renesas (former Hitachi) specifications for the HN27C101
will result in correct VPP of 12.5 V.
• Make sure the index marks on the PROM programmer socket, socket adapter, and chip are
properly aligned. If they are not, the chip may be destroyed by excessive current flow. Before
programming, be sure that the chip is properly mounted in the PROM programmer.
• Avoid touching the socket adapter or chip while programming, since this may cause contact
faults and write errors.
• Take care when setting the programming mode, as page programming is not supported.
• When programming with a PROM programmer, be sure to specify addresses from H'0000 to
H'7FFF. If programming is inadvertently performed from H'8000 onward, it may not be
possible to continue PROM programming and verification. When programming, H'FF should
be set as the data in address area H'8000 to H'1FFFF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com