Electronic Components Datasheet Search
  English  ▼

X  

H838024 Datasheet(PDF) 297 Page - Renesas Technology Corp

Part # H838024
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024 Datasheet(HTML) 297 Page - Renesas Technology Corp

Back Button H838024 Datasheet HTML 293Page - Renesas Technology Corp H838024 Datasheet HTML 294Page - Renesas Technology Corp H838024 Datasheet HTML 295Page - Renesas Technology Corp H838024 Datasheet HTML 296Page - Renesas Technology Corp H838024 Datasheet HTML 297Page - Renesas Technology Corp H838024 Datasheet HTML 298Page - Renesas Technology Corp H838024 Datasheet HTML 299Page - Renesas Technology Corp H838024 Datasheet HTML 300Page - Renesas Technology Corp H838024 Datasheet HTML 301Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 297 / 697 page
background image
Section 9 Timers
Rev. 7.00 Mar 10, 2005 page 255 of 652
REJ09B0042-0700
Register Configuration
Table 9.5 shows the register configuration of timer C.
Table 9.5
Timer C Registers
Name
Abbr.
R/W
Initial Value
Address
Timer mode register C
TMC
R/W
H'18
H'FFB4
Timer counter C
TCC
R
H'00
H'FFB5
Timer load register C
TLC
W
H'00
H'FFB5
Clock stop register 1
CKSTPR1
R/W
H'FF
H'FFFA
9.3.2
Register Descriptions
Timer Mode Register C (TMC)
Bit
Initial value
Read/Write
7
TMC7
0
R/W
6
TMC6
0
R/W
5
TMC5
0
R/W
4
1
3
1
0
TMC0
0
R/W
2
TMC2
0
R/W
1
TMC1
0
R/W
TMC is an 8-bit read/write register for selecting the auto-reload function and input clock, and
performing up/down-counter control.
Upon reset, TMC is initialized to H'18.
Bit 7—Auto-Reload Function Select (TMC7)
Bit 7 selects whether timer C is used as an interval timer or auto-reload timer.
Bit 7
TMC7
Description
0
Interval timer function selected
(initial value)
1
Auto-reload function selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com