Electronic Components Datasheet Search
  English  ▼

X  

H838024 Datasheet(PDF) 301 Page - Renesas Technology Corp

Part # H838024
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024 Datasheet(HTML) 301 Page - Renesas Technology Corp

Back Button H838024 Datasheet HTML 297Page - Renesas Technology Corp H838024 Datasheet HTML 298Page - Renesas Technology Corp H838024 Datasheet HTML 299Page - Renesas Technology Corp H838024 Datasheet HTML 300Page - Renesas Technology Corp H838024 Datasheet HTML 301Page - Renesas Technology Corp H838024 Datasheet HTML 302Page - Renesas Technology Corp H838024 Datasheet HTML 303Page - Renesas Technology Corp H838024 Datasheet HTML 304Page - Renesas Technology Corp H838024 Datasheet HTML 305Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 301 / 697 page
background image
Section 9 Timers
Rev. 7.00 Mar 10, 2005 page 259 of 652
REJ09B0042-0700
During interval timer operation (TMC7 = 0), when a value is set in timer load register C (TLC),
the same value is set in TCC.
Note: For details on interrupts, see section 3.3, Interrupts.
Auto-Reload Timer Operation
Setting bit TMC7 in TMC to 1 causes timer C to function as an 8-bit auto-reload timer. When a
reload value is set in TLC, the same value is loaded into TCC, becoming the value from which
TCC starts its count.
After the count value in TCC reaches H'FF (H'00), the next clock signal input causes timer C to
overflow/underflow. The TLC value is then loaded into TCC, and the count continues from that
value. The overflow/underflow period can be set within a range from 1 to 256 input clocks,
depending on the TLC value.
The clock sources, up/down control, and interrupts in auto-reload mode are the same as in interval
mode.
In auto-reload mode (TMC7 = 1), when a new value is set in TLC, the TLC value is also set in
TCC.
Event Counter Operation
Timer C can operate as an event counter, counting rising or falling edges of an external event
signal input at pin TMIC. External event counting is selected by setting bits TMC2 to TMC0 in
timer mode register C (TMC) to all 1s (111). TCC counts up/down at the rising/falling edge of an
external event signal input at pin TMIC.
When timer C is used to count external event input, bit IRQ1 in PMRB should be set to 1 and bit
IEN1 in IENR1 cleared to 0 to disable interrupt IRQ1 requests.
TCC Up/Down Control by Hardware
With timer C, TCC up/down control can be performed by UD pin input. When bit TMC6 in TMC
is set to 1, TCC functions as an up-counter when UD pin input is low, and as a down-counter
when high.
When using UD pin input, set bit UD in PMR3 to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com