| Electronic Components Datasheet Search |
|
H838024 Datasheet(PDF) 303 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H838024 Datasheet(HTML) 303 Page - Renesas Technology Corp |
|
303 / 697 page ![]() Section 9 Timers Rev. 7.00 Mar 10, 2005 page 261 of 652 REJ09B0042-0700 9.4 Timer F 9.4.1 Overview Timer F is a 16-bit timer with a built-in output compare function. As well as counting external events, timer F also provides for counter resetting, interrupt request generation, toggle output, etc., using compare match signals. Timer F can also be used as two independent 8-bit timers (timer FH and timer FL). Features Features of timer F are given below. • Choice of four internal clock sources (φ/32, φ/16, φ/4, φw/4) or an external clock (can be used as an external event counter) • TMOFH/TMOFL pin toggle output provided using a single compare match signal (toggle output initial value can be set) • Counter resetting by a compare match signal • Two interrupt sources: one compare match, one overflow • Can operate as two independent 8-bit timers (timer FH and timer FL) (in 8-bit mode). Timer FH 8-Bit Timer* Timer FL 8-Bit Timer/Event Counter Internal clock Choice of 4 ( φ/32, φ/16, φ/4, φw/4) Event input — TMIF pin Toggle output One compare match signal, output to TMOFH pin(initial value settable) One compare match signal, output to TMOFL pin (initial value settable) Counter reset Counter can be reset by compare match signal Interrupt sources One compare match One overflow Note: * When timer F operates as a 16-bit timer, it operates on the timer FL overflow signal. • Operation in watch mode, subactive mode, and subsleep mode When φw/4 is selected as the internal clock, timer F can operate in watch mode, subactive mode, and subsleep mode. • Use of module standby mode enables this module to be placed in standby mode independently when not used. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |