Electronic Components Datasheet Search
  English  ▼

X  

H838024 Datasheet(PDF) 306 Page - Renesas Technology Corp

Part # H838024
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024 Datasheet(HTML) 306 Page - Renesas Technology Corp

Back Button H838024 Datasheet HTML 302Page - Renesas Technology Corp H838024 Datasheet HTML 303Page - Renesas Technology Corp H838024 Datasheet HTML 304Page - Renesas Technology Corp H838024 Datasheet HTML 305Page - Renesas Technology Corp H838024 Datasheet HTML 306Page - Renesas Technology Corp H838024 Datasheet HTML 307Page - Renesas Technology Corp H838024 Datasheet HTML 308Page - Renesas Technology Corp H838024 Datasheet HTML 309Page - Renesas Technology Corp H838024 Datasheet HTML 310Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 306 / 697 page
background image
Section 9 Timers
Rev. 7.00 Mar 10, 2005 page 264 of 652
REJ09B0042-0700
9.4.2
Register Descriptions
16-bit Timer Counter (TCF)
8-bit Timer Counter (TCFH)
8-bit Timer Counter (TCFL)
15
14
13
12
11
10
9
8
TCF
TCFH
TCFL
76543210
0000000000000000
R/W
Bit:
Initial value:
Read/Write:
R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W
TCF is a 16-bit read/write up-counter configured by cascaded connection of 8-bit timer counters
TCFH and TCFL. In addition to the use of TCF as a 16-bit counter with TCFH as the upper 8 bits
and TCFL as the lower 8 bits, TCFH and TCFL can also be used as independent 8-bit counters.
TCFH and TCFL can be read and written by the CPU, but when they are used in 16-bit mode, data
transfer to and from the CPU is performed via a temporary register (TEMP). For details of TEMP,
see section 9.4.3, CPU Interface.
TCFH and TCFL are each initialized to H'00 upon reset.
a. 16-bit mode (TCF)
When CKSH2 is cleared to 0 in TCRF, TCF operates as a 16-bit counter. The TCF input clock
is selected by bits CKSL2 to CKSL0 in TCRF.
TCF can be cleared in the event of a compare match by means of CCLRH in TCSRF.
When TCF overflows from H'FFFF to H'0000, OVFH is set to 1 in TCSRF. If OVIEH in
TCSRF is 1 at this time, IRRTFH is set to 1 in IRR2, and if IENTFH in IENR2 is 1, an
interrupt request is sent to the CPU.
b. 8-bit mode (TCFL/TCFH)
When CKSH2 is set to 1 in TCRF, TCFH, and TCFL operate as two independent 8-bit
counters. The TCFH (TCFL) input clock is selected by bits CKSH2 to CKSH0 (CKSL2 to
CKSL0) in TCRF.
TCFH (TCFL) can be cleared in the event of a compare match by means of CCLRH (CCLRL)
in TCSRF.
When TCFH (TCFL) overflows from H'FF to H'00, OVFH (OVFL) is set to 1 in TCSRF. If
OVIEH (OVIEL) in TCSRF is 1 at this time, IRRTFH (IRRTFL) is set to 1 in IRR2, and if
IENTFH (IENTFL) in IENR2 is 1, an interrupt request is sent to the CPU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com