Electronic Components Datasheet Search
  English  ▼

X  

H838024 Datasheet(PDF) 307 Page - Renesas Technology Corp

Part # H838024
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024 Datasheet(HTML) 307 Page - Renesas Technology Corp

Back Button H838024 Datasheet HTML 303Page - Renesas Technology Corp H838024 Datasheet HTML 304Page - Renesas Technology Corp H838024 Datasheet HTML 305Page - Renesas Technology Corp H838024 Datasheet HTML 306Page - Renesas Technology Corp H838024 Datasheet HTML 307Page - Renesas Technology Corp H838024 Datasheet HTML 308Page - Renesas Technology Corp H838024 Datasheet HTML 309Page - Renesas Technology Corp H838024 Datasheet HTML 310Page - Renesas Technology Corp H838024 Datasheet HTML 311Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 307 / 697 page
background image
Section 9 Timers
Rev. 7.00 Mar 10, 2005 page 265 of 652
REJ09B0042-0700
16-bit Output Compare Register (OCRF)
8-bit Output Compare Register (OCRFH)
8-bit Output Compare Register (OCRFL)
15
14
13
12
11
10
9
8
OCRF
OCRFH
OCRFL
76543210
1111111111111111
R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W
Bit:
Initial value:
Read/Write:
OCRF is a 16-bit read/write register composed of the two registers OCRFH and OCRFL. In
addition to the use of OCRF as a 16-bit register with OCRFH as the upper 8 bits and OCRFL as
the lower 8 bits, OCRFH and OCRFL can also be used as independent 8-bit registers.
OCRFH and OCRFL can be read and written by the CPU, but when they are used in 16-bit mode,
data transfer to and from the CPU is performed via a temporary register (TEMP). For details of
TEMP, see section 9.4.3, CPU Interface.
OCRFH and OCRFL are each initialized to H'FF upon reset.
a. 16-bit mode (OCRF)
When CKSH2 is cleared to 0 in TCRF, OCRF operates as a 16-bit register. OCRF contents
are constantly compared with TCF, and when both values match, CMFH is set to 1 in TCSRF.
At the same time, IRRTFH is set to 1 in IRR2. If IENTFH in IENR2 is 1 at this time, an
interrupt request is sent to the CPU.
Toggle output can be provided from the TMOFH pin by means of compare matches, and the
output level can be set (high or low) by means of TOLH in TCRF.
b. 8-bit mode (OCRFH/OCRFL)
When CKSH2 is set to 1 in TCRF, OCRFH, and OCRFL operate as two independent 8-bit
registers. OCRFH contents are compared with TCFH, and OCRFL contents are with TCFL.
When the OCRFH (OCRFL) and TCFH (TCFL) values match, CMFH (CMFL) is set to 1 in
TCSRF. At the same time, IRRTFH (IRRTFL) is set to 1 in IRR2. If IENTFH (IENTFL) in
IENR2 is 1 at this time, an interrupt request is sent to the CPU.
Toggle output can be provided from the TMOFH pin (TMOFL pin) by means of compare
matches, and the output level can be set (high or low) by means of TOLH (TOLL) in TCRF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com