Electronic Components Datasheet Search
  English  ▼

X  

H838024 Datasheet(PDF) 309 Page - Renesas Technology Corp

Part # H838024
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024 Datasheet(HTML) 309 Page - Renesas Technology Corp

Back Button H838024 Datasheet HTML 305Page - Renesas Technology Corp H838024 Datasheet HTML 306Page - Renesas Technology Corp H838024 Datasheet HTML 307Page - Renesas Technology Corp H838024 Datasheet HTML 308Page - Renesas Technology Corp H838024 Datasheet HTML 309Page - Renesas Technology Corp H838024 Datasheet HTML 310Page - Renesas Technology Corp H838024 Datasheet HTML 311Page - Renesas Technology Corp H838024 Datasheet HTML 312Page - Renesas Technology Corp H838024 Datasheet HTML 313Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 309 / 697 page
background image
Section 9 Timers
Rev. 7.00 Mar 10, 2005 page 267 of 652
REJ09B0042-0700
Bit 3—Toggle Output Level L (TOLL)
Bit 3 sets the TMOFL pin output level. The output level is effective immediately after this bit is
written.
Bit 3
TOLL
Description
0
Low level
(initial value)
1
High level
Bits 2 to 0—Clock Select L (CKSL2 to CKSL0)
Bits 2 to 0 select the clock input to TCFL from among four internal clock sources or external
event input.
Bit 2
CKSL2
Bit 1
CKSL1
Bit 0
CKSL0
Description
000
001
Counting on external event (TMIF) rising/falling edge*
(initial value)
010
011Use prohibited
100Internal clock: counting on
φ/32
101Internal clock: counting on
φ/16
110Internal clock: counting on
φ/4
111Internal clock: counting on
φw/4
Note: * External event edge selection is set by IEG3 in the IRQ edge select register (IEGR). For
details, see IRQ Edge Select Register (IEGR) in section 3.3.2.
Note that the timer F counter may increment if the setting of IRQ3 in port mode register 1
(PMR1) is changed from 0 to 1 or from 1 to 0 while the TMIF pin is low in order to change
the TMIF pin function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com