Electronic Components Datasheet Search
  English  ▼

X  

H838024 Datasheet(PDF) 313 Page - Renesas Technology Corp

Part # H838024
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024 Datasheet(HTML) 313 Page - Renesas Technology Corp

Back Button H838024 Datasheet HTML 309Page - Renesas Technology Corp H838024 Datasheet HTML 310Page - Renesas Technology Corp H838024 Datasheet HTML 311Page - Renesas Technology Corp H838024 Datasheet HTML 312Page - Renesas Technology Corp H838024 Datasheet HTML 313Page - Renesas Technology Corp H838024 Datasheet HTML 314Page - Renesas Technology Corp H838024 Datasheet HTML 315Page - Renesas Technology Corp H838024 Datasheet HTML 316Page - Renesas Technology Corp H838024 Datasheet HTML 317Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 313 / 697 page
background image
Section 9 Timers
Rev. 7.00 Mar 10, 2005 page 271 of 652
REJ09B0042-0700
Clock Stop Register 1 (CKSTPR1)
TFCKSTP TCCKSTP TACKSTP
S32CKSTP ADCKSTP TGCKSTP
7
6
543210
1
1111111
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
Initial value:
Read/Write:
CKSTPR1 is an 8-bit read/write register that performs module standby mode control for peripheral
modules. Only the bit relating to timer F is described here. For details of the other bits, see the
sections on the relevant modules.
Bit 2—Timer F Module Standby Mode Control (TFCKSTP)
Bit 2 controls setting and clearing of module standby mode for timer F.
TFCKSTP
Description
0
Timer F is set to module standby mode
1
Timer F module standby mode is cleared
(initial value)
9.4.3
CPU Interface
TCF and OCRF are 16-bit read/write registers, but the CPU is connected to the on-chip peripheral
modules by an 8-bit data bus. When the CPU accesses these registers, it therefore uses an 8-bit
temporary register (TEMP).
When performing TCF read/write access or OCRF write access in 16-bit mode, data will not be
transferred correctly if only the upper byte or only the lower byte is accessed. Access must be
performed for all 16 bits (using two consecutive byte-size MOV instructions), and the upper byte
must be accessed before the lower byte.
In 8-bit mode, there are no restrictions on the order of access.
Write Access
Write access to the upper byte results in transfer of the upper-byte write data to TEMP. Next,
write access to the lower byte results in transfer of the data in TEMP to the upper register byte,
and direct transfer of the lower-byte write data to the lower register byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com