Electronic Components Datasheet Search
  English  ▼

X  

H838024 Datasheet(PDF) 310 Page - Renesas Technology Corp

Part # H838024
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024 Datasheet(HTML) 310 Page - Renesas Technology Corp

Back Button H838024 Datasheet HTML 306Page - Renesas Technology Corp H838024 Datasheet HTML 307Page - Renesas Technology Corp H838024 Datasheet HTML 308Page - Renesas Technology Corp H838024 Datasheet HTML 309Page - Renesas Technology Corp H838024 Datasheet HTML 310Page - Renesas Technology Corp H838024 Datasheet HTML 311Page - Renesas Technology Corp H838024 Datasheet HTML 312Page - Renesas Technology Corp H838024 Datasheet HTML 313Page - Renesas Technology Corp H838024 Datasheet HTML 314Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 310 / 697 page
background image
Section 9 Timers
Rev. 7.00 Mar 10, 2005 page 268 of 652
REJ09B0042-0700
Timer Control/Status Register F (TCSRF)
OVFH
CMFL
OVIEL
CCLRL
CMFH
OVIEH
CCLRH
OVFL
7
6
543210
0
0000000
R/(W)*
R/(W)*
R/W
R/W
R/(W)*
R/W
R/W
R/(W)*
Note: * Bits 7, 6, 3, and 2 can only be written with 0, for flag clearing.
Bit:
Initial value:
Read/Write:
TCSRF is an 8-bit read/write register that performs counter clear selection, overflow flag setting,
and compare match flag setting, and controls enabling of overflow interrupt requests.
TCSRF is initialized to H'00 upon reset.
Bit 7—Timer Overflow Flag H (OVFH)
Bit 7 is a status flag indicating that TCFH has overflowed from H'FF to H'00. This flag is set by
hardware and cleared by software. It cannot be set by software.
Bit 7
OVFH
Description
0
Clearing condition:
(initial value)
After reading OVFH = 1, cleared by writing 0 to OVFH
1
Setting condition:
Set when TCFH overflows from H’FF to H’00
Bit 6—Compare Match Flag H (CMFH)
Bit 6 is a status flag indicating that TCFH has matched OCRFH. This flag is set by hardware and
cleared by software. It cannot be set by software.
Bit 6
CMFH
Description
0
Clearing condition:
(initial value)
After reading CMFH = 1, cleared by writing 0 to CMFH
1
Setting condition:
Set when the TCFH value matches the OCRFH value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com