Electronic Components Datasheet Search
  English  ▼

X  

H838024 Datasheet(PDF) 308 Page - Renesas Technology Corp

Part # H838024
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024 Datasheet(HTML) 308 Page - Renesas Technology Corp

Back Button H838024 Datasheet HTML 304Page - Renesas Technology Corp H838024 Datasheet HTML 305Page - Renesas Technology Corp H838024 Datasheet HTML 306Page - Renesas Technology Corp H838024 Datasheet HTML 307Page - Renesas Technology Corp H838024 Datasheet HTML 308Page - Renesas Technology Corp H838024 Datasheet HTML 309Page - Renesas Technology Corp H838024 Datasheet HTML 310Page - Renesas Technology Corp H838024 Datasheet HTML 311Page - Renesas Technology Corp H838024 Datasheet HTML 312Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 308 / 697 page
background image
Section 9 Timers
Rev. 7.00 Mar 10, 2005 page 266 of 652
REJ09B0042-0700
Timer Control Register F (TCRF)
TOLH
CKSL2
CKSL1
CKSL0
CKSH2
CKSH1
CKSH0
TOLL
7
6
543210
0
0000000
W
WWW
WWW
W
Bit:
Initial value:
Read/Write:
TCRF is an 8-bit write-only register that switches between 16-bit mode and 8-bit mode, selects the
input clock from among four internal clock sources or external event input, and sets the output
level of the TMOFH and TMOFL pins.
TCRF is initialized to H'00 upon reset.
Bit 7—Toggle Output Level H (TOLH)
Bit 7 sets the TMOFH pin output level. The output level is effective immediately after this bit is
written.
Bit 7
TOLH
Description
0
Low level
(initial value)
1
High level
Bits 6 to 4—Clock Select H (CKSH2 to CKSH0)
Bits 6 to 4 select the clock input to TCFH from among four internal clock sources or TCFL
overflow.
Bit 6
CKSH2
Bit 5
CKSH1
Bit 4
CKSH0
Description
0
0
0
16-bit mode, counting on TCFL overflow signal
(initial value)
001
010
011Use prohibited
100Internal clock: counting on
φ/32
101Internal clock: counting on
φ/16
110Internal clock: counting on
φ/4
111Internal clock: counting on
φw/4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com