| Electronic Components Datasheet Search |
|
H838024 Datasheet(PDF) 302 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H838024 Datasheet(HTML) 302 Page - Renesas Technology Corp |
|
302 / 697 page ![]() Section 9 Timers Rev. 7.00 Mar 10, 2005 page 260 of 652 REJ09B0042-0700 9.3.4 Timer C Operation States Table 9.6 summarizes the timer C operation states. Table 9.6 Timer C Operation States Operation Mode Reset Active Sleep Watch Sub- active Sub- sleep Standby Module Standby TCC Interval Reset Functions Functions Halted Functions/ Halted* Functions/ Halted* Halted Halted Auto reload Reset Functions Functions Halted Functions/ Halted* Functions/ Halted* Halted Halted TMC Reset Functions Retained Retained Functions Retained Retained Retained Note: * When φw/4 is selected as the TCC internal clock in active mode or sleep mode, since the system clock and internal clock are mutually asynchronous, synchronization is maintained by a synchronization circuit. This results in a maximum count cycle error of 1/ φ (s). When the counter is operated in subactive mode or subsleep mode, either select φw/4 as the internal clock or select an external clock. The counter will not operate on any other internal clock. If φw/4 is selected as the internal clock for the counter when φw/8 has been selected as subclock φ SUB, the lower 2 bits of the counter operate on the same cycle, and the operation of the least significant bit is unrelated to the operation of the counter. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |