Electronic Components Datasheet Search
  English  ▼

X  

MP6570GR Datasheet(PDF) 26 Page - Monolithic Power Systems

Part # MP6570GR
Description  3-Phase BLDC Controller with a High-Accuracy Angular Sensor
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6570GR Datasheet(HTML) 26 Page - Monolithic Power Systems

Back Button MP6570GR Datasheet HTML 22Page - Monolithic Power Systems MP6570GR Datasheet HTML 23Page - Monolithic Power Systems MP6570GR Datasheet HTML 24Page - Monolithic Power Systems MP6570GR Datasheet HTML 25Page - Monolithic Power Systems MP6570GR Datasheet HTML 26Page - Monolithic Power Systems MP6570GR Datasheet HTML 27Page - Monolithic Power Systems MP6570GR Datasheet HTML 28Page - Monolithic Power Systems MP6570GR Datasheet HTML 29Page - Monolithic Power Systems MP6570GR Datasheet HTML 30Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 55 page
background image
MP6570
– 3-PHASE BLDC CONTROLLER WITH HIGH-ACCURACY ANGULAR SENSOR
MP6570 Rev. 1.0
www.MonolithicPower.com
26
3/4/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
fz1 and fp1 are set by the ZP1_PARA_A and
ZP1_PARA_B
registers.
fz1
is
used
to
compensate for the system main pole. fz1 is
recommended to be in the range of 0.1 - 2Hz.
For most applications, 0.2Hz is sufficient. fp1 is
recommended to be in the range of 20 - 200 *
fz1. For most applications, 50Hz is sufficient.
With a fixed fz1 value, a higher fp1 value
provides higher system bandwidth.
ZP1_PARA_A
and
ZP1_PARA_B
can
be
calculated with Equation (16) and Equation (17):
16
s
p1
1
ZP1_PARA_A
2
1 2 T f

  
(16)
16
s
z1
s
p1
1 2 T f
ZP1_PARA_B
2
1 2 T f
  

  
(17)
Where TS is the switching period (i.e.: TS = 20 *
10-6 @ 50kHz).
fz2 and fp2 is set by the ZP2_PARA_A and
ZP2_PARA_B registers. fz2 is recommended to
be in the range of 2 - 50Hz. For most
applications, 5Hz is sufficient. A higher fz2
value provides a higher bandwidth but lower
stability. fp2 is recommended to be in the range
of 20 - 200 * fz2. For most applications, 1000Hz
is sufficient. With a fixed fz2 value, a higher fp1
value provides a higher system bandwidth.
ZP2_PARA_A
and
ZP2_PARA_B
can
be
calculated with Equation (18) and Equation (19):
16
s
p2
1
ZP2_PARA_A
2
1 2 T f

  
(18)
16
s
z2
s
p2
1 2 T f
ZP2_PARA_B
2
1 2 T f
  

  
(19)
Where TS is switching period (i.e.: TS = 20 * 10-6
@ 50kHz).
fz1
fz2
fp1
fp2
-20dB
-20dB
-20dB
-20dB
-40dB
-40dB
-60dB
0 dB
Fpsys = F/J
Figure 19: Loop Compensation Design Guide



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com