Electronic Components Datasheet Search
  English  ▼

X  

MP6570GR Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP6570GR
Description  3-Phase BLDC Controller with a High-Accuracy Angular Sensor
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6570GR Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP6570GR Datasheet HTML 9Page - Monolithic Power Systems MP6570GR Datasheet HTML 10Page - Monolithic Power Systems MP6570GR Datasheet HTML 11Page - Monolithic Power Systems MP6570GR Datasheet HTML 12Page - Monolithic Power Systems MP6570GR Datasheet HTML 13Page - Monolithic Power Systems MP6570GR Datasheet HTML 14Page - Monolithic Power Systems MP6570GR Datasheet HTML 15Page - Monolithic Power Systems MP6570GR Datasheet HTML 16Page - Monolithic Power Systems MP6570GR Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 55 page
background image
MP6570
– 3-PHASE BLDC CONTROLLER WITH HIGH-ACCURACY ANGULAR SENSOR
MP6570 Rev. 1.0
www.MonolithicPower.com
13
3/4/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
Address: 05h
Bit[15:0]
Name
Default
Description
[15]
THETA_DIR
0
0: IC uses the original data value from the angular sensor
1: IC uses the complementary data value from the angular
sensor
Address: 33h
Bit[15:0]
Name
Default
Description
[4]
EXANG
1
0: use internal angular sensor as rotor position feedback.
1: use external angular sensor as rotor position feedback. The
data is read back through SPI port 2.
Address: 35h
Bit[15:0]
Name
Default
Description
[9]
ETX
0
When enabled, the X-axis bias current is trimmed by the quantity
BCT.
[8]
ETY
0
When enabled, the Y-axis bias current is trimmed by the quantity
BCT.
[7:0]
BCT
00H
For side-shaft configuration: reduce the Hall device bias current
of X- and/or Y-axis.
Address: 36h
Bit[15:0]
Name
Default
Description
[10]
ZERO_OFFSET
0
Zero offset enable of the A/B/Z output.
[9:0]
ZERO
000H
Sets the zero point of sensor the A/B/Z output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com