Electronic Components Datasheet Search
  English  ▼

X  

MP6570GR Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP6570GR
Description  3-Phase BLDC Controller with a High-Accuracy Angular Sensor
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6570GR Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP6570GR Datasheet HTML 5Page - Monolithic Power Systems MP6570GR Datasheet HTML 6Page - Monolithic Power Systems MP6570GR Datasheet HTML 7Page - Monolithic Power Systems MP6570GR Datasheet HTML 8Page - Monolithic Power Systems MP6570GR Datasheet HTML 9Page - Monolithic Power Systems MP6570GR Datasheet HTML 10Page - Monolithic Power Systems MP6570GR Datasheet HTML 11Page - Monolithic Power Systems MP6570GR Datasheet HTML 12Page - Monolithic Power Systems MP6570GR Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 55 page
background image
MP6570
– 3-PHASE BLDC CONTROLLER WITH HIGH-ACCURACY ANGULAR SENSOR
MP6570 Rev. 1.0
www.MonolithicPower.com
9
3/4/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
OPERATION
The MP6570 is a high-performance motor
controller that incorporates field-oriented control
(FOC)
algorithms,
SVPWM
modulation
technology, and an accurate embedded angle
sensor. The MP6570 is used for applications
with three-phase PMSM and BLDC motors.
The operation of the MP6570 supports three
modes, including speed mode, position mode,
and torque mode. The reference command
comes from either the digital interface or the
PWM/clock input pin. A 10-bit ADC is employed
for accurate sampling of each phase current.
The 3-phase voltage of the motor is modulated
through an SVPWM module, which has up to
12-bit
resolution
at
a
20kHz
switching
frequency.
A
high-speed
and
high-accuracy
magnetic
angular sensor is embedded in the IC for rotor
position and speed feedback. The position
sensor has a data refresh rate up to 1MHz and
up to 14-bit position resolution, ideal for BLDC
and
PMSM
motor
control,
especially
in
applications that require high speed or position
accuracy.
Non-volatile memory (NVM) is employed in the
MP6570
to
store
parameters
programmed
through the selectable I2C, SPI, or RS485
digital interface.
Application
design
is
aided
by
the
MPS
e.Motion Family Virtual Bench online developer
tool.
Angular Sensor
End-Shaft Mounting
The embedded angular sensor is a magnetic
sensor designed to measure the rotor position
with high accuracy and resolution by detecting
the absolute angular position of a two-pole
diametrically magnetized cylinder attached to
the rotor end of a shaft. The internal angular
sensor has a 1MHz data refresh rate, which
allows for accurate angle measurement over a
wide speed range. The resolution of the angular
sensor is up to 14-bit and intrinsic non linearity
(INL) down to ±0.1° can be achieved via MPS
’s
internal
proprietary
AccuFilterTM filter
when
using end-of-shaft magnet mounting.
The sensor detects the angle of the magnet
field projected in a plane parallel to the upper
surface of the package. This means that only
the magnet field of the in-plane components (X
and Y components) at the package center point
is measured. A field amplitude between 30mT
and 150mT is recommended for the best
performance. Note that the sensor can work
with fields smaller than 30mT, but the linearity
and resolution performance may deviate from
the specifications.
The typical solution is to place the IC on the
radial
axis
of
a
diametrically
magnetized
permanent cylinder magnet (see Figure 2).
Figure 2: End of Shaft Mounting
Side-Shaft Mounting
When end-of-shaft mounting is unavailable, the
sensor can be positioned away the ration axis
of the cylinder or ring magnet (see the ring
magnet example in Figure 3). In this case, the
mechanical
angle
is
no
longer
directly
proportional to the magnet field angle. The
sensor can be adjusted to compensate for this
effect. With multiple pole pairs, the sensor can
detect multiple rotations for each mechanical
turn.
Figure 3: Side-Shaft Mounting
Sensor Angle Direction
By default, the angle increases when the
magnetic field rotates clockwise (CW) looking
from the top of the package (see Figure 4).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com