Electronic Components Datasheet Search
  English  ▼

X  

MP6570GR Datasheet(PDF) 39 Page - Monolithic Power Systems

Part # MP6570GR
Description  3-Phase BLDC Controller with a High-Accuracy Angular Sensor
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6570GR Datasheet(HTML) 39 Page - Monolithic Power Systems

Back Button MP6570GR Datasheet HTML 35Page - Monolithic Power Systems MP6570GR Datasheet HTML 36Page - Monolithic Power Systems MP6570GR Datasheet HTML 37Page - Monolithic Power Systems MP6570GR Datasheet HTML 38Page - Monolithic Power Systems MP6570GR Datasheet HTML 39Page - Monolithic Power Systems MP6570GR Datasheet HTML 40Page - Monolithic Power Systems MP6570GR Datasheet HTML 41Page - Monolithic Power Systems MP6570GR Datasheet HTML 42Page - Monolithic Power Systems MP6570GR Datasheet HTML 43Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 55 page
background image
MP6570
– 3-PHASE BLDC CONTROLLER WITH HIGH-ACCURACY ANGULAR SENSOR
MP6570 Rev. 1.0
www.MonolithicPower.com
39
3/4/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
PWM
VIN(+)
a
c
b
VIN(-)
PWM
PWM
PWM
PWM
PWM
VINMAX
IINMAX
VIN
IIN
VDCCON
Figure 27: Input Bus Protection
Address: 29h
Bit[15:0]
Name
Default
Description
[8:1]
VIN_LIMIT
9BH
Defines the input bus voltage protection threshold.
The
input
voltage
protection
threshold
is
VIN_LIMIT*1.6/255/KVIN
Where KVIN is resistor divider gain from VIN from the ADC
sample.
[0]
VINPEN
0
The input bus voltage protection enable bit.
0: disable
1: enable
Address: 2Ah
Bit[15:0]
Name
Default
Description
[10:1]
IIN_LIMIT
1E0H
Defines the input current protection threshold.
The input protection threshold is set according to:
IIN_LIMIT[9:0] = (Vs+0.9)*1023/1.6
Where Vs is the input current sensing voltage.
[0]
IINPEN
0
The input current protection enable bit.
0: disable
1: enable
Clock Oscillator
The MP6570 supports two modes for the
internal clock reference by detecting the XTAL1
and XTAL2 pin connections during power-up.
The first is internal clock mode when XTAL1 is
connected to ground and XTAL2 is float. In this
mode, the MP6570 generates a 160MHz clock
internally.
The second option is to use an external crystal.
In this way, the MP6570 provides a very
accurate clock. An accurate 10MHz crystal is
needed between pins XTAL1 and XTAL2 (see
Figure 28). Refer to the crystal component
datasheet for correct Rx and Cy value selection.
Typical value are Rx = 1M
Ω and Cy = 15pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com