Electronic Components Datasheet Search
  English  ▼

X  

MP6570GR Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP6570GR
Description  3-Phase BLDC Controller with a High-Accuracy Angular Sensor
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6570GR Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP6570GR Datasheet HTML 1Page - Monolithic Power Systems MP6570GR Datasheet HTML 2Page - Monolithic Power Systems MP6570GR Datasheet HTML 3Page - Monolithic Power Systems MP6570GR Datasheet HTML 4Page - Monolithic Power Systems MP6570GR Datasheet HTML 5Page - Monolithic Power Systems MP6570GR Datasheet HTML 6Page - Monolithic Power Systems MP6570GR Datasheet HTML 7Page - Monolithic Power Systems MP6570GR Datasheet HTML 8Page - Monolithic Power Systems MP6570GR Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 55 page
background image
MP6570
3-Phase BLDC Controller with a
High-Accuracy Angular Sensor
MP6570 Rev. 1.0
www.MonolithicPower.com
1
3/4/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
DESCRIPTION
The MP6570 is a high-performance motor
controller that incorporates field-oriented control
(FOC)
algorithms,
SVPWM
modulation
technology, and an accurate embedded angle
sensor. The MP6570 is used for applications
with three-phase PMSM and BLDC motors.
The operation of the MP6570 supports three
modes, including speed mode, position mode,
and torque mode. The reference command
comes from either the digital interface or the
pulse-width modulation (PWM)/clock input pin.
A
10-bit
ADC
is
employed
for
accurate
sampling of each phase current. The three-
phase voltage of the motor is modulated
through an SVPWM module, which has up to
12-bit resolution at a 20kHz switching frequency.
A high-speed high-accuracy magnetic angular
sensor is embedded in the IC for rotor position
and speed feedback. The position sensor has a
data refresh rate up to 1MHz and up to 14-bit
position resolution, ideal for BLDC and PMSM
motor controls, especially in applications that
require high speed or position accuracy.
Non-volatile memory (NVM) is employed in the
MP6570
to
store
parameters
programmed
through the selectable I2C, SPI, or RS485
digital interface.
Application
design
is
aided
by
the
MPS
e.Motion Family Virtual Bench online developer
tool.
Full protection features include over-current
protection (OCP), rotor-lock protection, and
input bus over-voltage (OVP) and over-current
protection (OCP).
The
MP6570
is
available
in
a
QFN-32
(4mmx4mm) package.
FEATURES
 3.3V Operating Supply Voltage
 Flexible Parameter Configuration with Non-
Volatile Memory and Selectable
SPI/I2C/RS485 Interface
 Embedded Accurate Angular Sensor with
Up to 14-Bit Resolution
 Field-Oriented Control (FOC) Method
 Position/Speed/Torque Operation Modes
 PWM/Clock/Digital Interface Reference
Input
 Energy Regeneration Braking Mode
 10-Bit ADC with Programmble Gain
 Up to 80kHz Programmble Switching
Frequency
 A/B/Z Output with Internal Sensor Mode
 Up to 32 Progarmmble Slave Addresses
 Selectable Oscillator Source:
o
Internal On-Chip Oscillator
o
External Passive Crystal Input
 Input Bus Over-Current (OCP) and Over-
Voltage Protection (OVP)
 Low-Power Standby Mode
 Locked Rotor Detection and Restart
 Programmable Over-Current Limit (OCL)
Threshold
 Available in a QFN-32 (4mmx4mm)
Package
APPLICATIONS
PMSM Motor, BLDC Motor
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive. For
MPS
green
status,
please
visit
the
MPS
website
under
Quality
Assurance.
“MPS” and “The Future of Analog IC Technology” are registered
trademarks of Monolithic Power Systems, Inc.


Similar Part No. - MP6570GR

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP6570 MPS-MP6570 Datasheet
68Kb / 2P
PMSM FOC Controller With High Accuracy Angular Sensor
More results

Similar Description - MP6570GR

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3930 ALLEGRO-A3930 Datasheet
382Kb / 21P
Automotive 3-Phase BLDC Controller and MOSFET Driver
logo
Micronas
HAL3736DJ-A MICRONAS-HAL3736DJ-A Datasheet
141Kb / 2P
Second-Generation 3D HAL짰 Sensor Family with Superior Angular Accuracy
logo
Allegro MicroSystems
AMT49413 ALLEGRO-AMT49413 Datasheet
626Kb / 21P
3-Phase BLDC Controller and MOSFET Driver
logo
Monolithic Power System...
MP6570 MPS-MP6570 Datasheet
68Kb / 2P
PMSM FOC Controller With High Accuracy Angular Sensor
logo
Princeton Technology Co...
PT2432 PTC-PT2432 Datasheet
539Kb / 6P
3-Phase Sensor-less BLDC Motor Driver
PT2434 PTC-PT2434 Datasheet
412Kb / 5P
3-Phase Sensorless BLDC Motor Controller
PT2501 PTC-PT2501 Datasheet
247Kb / 4P
3-Phase Sinusoidal BLDC Motor Controller
PT2502 PTC-PT2502 Datasheet
1Mb / 24P
3-Phase Sensor-less BLDC Motor Controller
PT2505 PTC-PT2505 Datasheet
243Kb / 5P
3-Phase Sinusoidal BLDC Motor Controller
logo
Kinetic Technologies.
KTX9302 KINETIC-KTX9302 Datasheet
211Kb / 4P
3-phase BLDC Motor Controller for 3-wire
June 2022 - Revision 03a
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com