Electronic Components Datasheet Search
  English  ▼

X  

MP6570GR Datasheet(PDF) 41 Page - Monolithic Power Systems

Part # MP6570GR
Description  3-Phase BLDC Controller with a High-Accuracy Angular Sensor
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6570GR Datasheet(HTML) 41 Page - Monolithic Power Systems

Back Button MP6570GR Datasheet HTML 37Page - Monolithic Power Systems MP6570GR Datasheet HTML 38Page - Monolithic Power Systems MP6570GR Datasheet HTML 39Page - Monolithic Power Systems MP6570GR Datasheet HTML 40Page - Monolithic Power Systems MP6570GR Datasheet HTML 41Page - Monolithic Power Systems MP6570GR Datasheet HTML 42Page - Monolithic Power Systems MP6570GR Datasheet HTML 43Page - Monolithic Power Systems MP6570GR Datasheet HTML 44Page - Monolithic Power Systems MP6570GR Datasheet HTML 45Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 55 page
background image
MP6570
– 3-PHASE BLDC CONTROLLER WITH HIGH-ACCURACY ANGULAR SENSOR
MP6570 Rev. 1.0
www.MonolithicPower.com
41
3/4/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
Initial Rotor Positioning
r
()
r
d
A
rotor
B
C
q
Figure 29: Initial Rotor Positioning
In the FOC d/q calculation, the position data (
θr)
is the relative angle difference between the
sensor output of the current rotor position and
the sensor output when the rotor aligns with the
phase A winding. At the system construction
time when the two-pole magnet is first attached
to the rotor shaft and the sensor PCB mounted,
the poles of the magnet are not aligned to the
poles of the rotor magnets. Therefore it is
necessary
to
find
the
offset
value
(THETA_BIAS) so the sensor angle output can
be corrected to the true position when the rotor
aligns with the phase A winding (see Figure
29).
This can be done by two methods: using the
MPS e.Motion Family Virtual Bench tool to get
the
initial
position
automatically,
or
by
experimentation.
When experimenting, follow the
procedure
below.
1. Power up the motor winding A+B- and
position the rotor. Then read the sensor
data through
THETA_M (register
55h),
calling the result
θAB.
2. Power up the motor winding A+C- and
position the rotor. Then read the sensor
data through
THETA_M (register
55h),
calling the result is
θAC.
3. If the data value is increasing from
θAB to
θAC, set register bit THETA_DIR to 0. If the
data value is decreasing from
θAB to θAC,
exchange the winding B and winding C, and
redo steps 1 and 2.
4. Save
(
θAB + θAC) / 64 to register
THETA_BIAS (register 07h).
This procedure is shown in Figure 30.
THETA_M
[15:0]
ɵ
AB
ɵ
AC
0
65535
ɵ
AC
0
65535
ɵ
AB
increasing
increasing
THETA_M
[15:0]
ɵ
AC
ɵ
AB
0
65535
ɵ
AB
0
65535
ɵ
AC
decreasing
decreasing
Figure 30: Initial Rotor Position Calculation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com