Electronic Components Datasheet Search
  English  ▼

X  

MP6570GR Datasheet(PDF) 32 Page - Monolithic Power Systems

Part # MP6570GR
Description  3-Phase BLDC Controller with a High-Accuracy Angular Sensor
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6570GR Datasheet(HTML) 32 Page - Monolithic Power Systems

Back Button MP6570GR Datasheet HTML 28Page - Monolithic Power Systems MP6570GR Datasheet HTML 29Page - Monolithic Power Systems MP6570GR Datasheet HTML 30Page - Monolithic Power Systems MP6570GR Datasheet HTML 31Page - Monolithic Power Systems MP6570GR Datasheet HTML 32Page - Monolithic Power Systems MP6570GR Datasheet HTML 33Page - Monolithic Power Systems MP6570GR Datasheet HTML 34Page - Monolithic Power Systems MP6570GR Datasheet HTML 35Page - Monolithic Power Systems MP6570GR Datasheet HTML 36Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 55 page
background image
MP6570
– 3-PHASE BLDC CONTROLLER WITH HIGH-ACCURACY ANGULAR SENSOR
MP6570 Rev. 1.0
www.MonolithicPower.com
32
3/4/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
Address: 2Dh
Bit[15:0]
Name
Default
Description
[10]
BIAS_SEL
0
1: non-auto bias mode
0: auto-bias mode
[9:0]
CUR_BIASA
200H
Defines the bias setting of ADC result for the phase A current
sample.
Address: 2Eh
Bit[15:0]
Name
Default
Description
[9:0]
CUR_BIASB
200H
Defines the bias setting of ADC result for the phase B current
sample.
Address: 2Fh
Bit[15:0]
Name
Default
Description
[9:0]
CUR_BIASC
200H
Defines the bias setting of ADC result for the phase C current
sample.
Current Connection Mode
Different phase currents of windings A/B/C can
be used for the ADC sampling. The mode is set
by the register bits SAM_MOD.
Three-Phase Sensing
If SAM_MOD = 00, three phases of A/B/C are
connected for current sampling. The sample
sequence is ISA/ISB/ISC/VDC/IDC.
Two-Phase Sensing
If SAM_MOD = 01, only two phases of A/B
must be connected for current sampling. The
sample sequence is ISA/ISB/VDC/IDC.
Single-Resistor Sensing
With SAM_MOD = 10, the connection shown in
Figure 25 is recommended for current sampling.
The sample sequence is ISA/VDC/IDC. In this
mode, the ADC samples the current from the
ISA pin and the result is transferred internally to
the phase A/B/C current.
Power Stage
RS
A
C
B
MP6570
MP653x
Pre-Driver
EN A/B/C
PWM A/B/C
GH A/B/C
GL A/B/C
isa
Figure 25: Single-Resistor Sensing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com