Electronic Components Datasheet Search
  English  ▼

X  

MP6570GR Datasheet(PDF) 49 Page - Monolithic Power Systems

Part # MP6570GR
Description  3-Phase BLDC Controller with a High-Accuracy Angular Sensor
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6570GR Datasheet(HTML) 49 Page - Monolithic Power Systems

Back Button MP6570GR Datasheet HTML 45Page - Monolithic Power Systems MP6570GR Datasheet HTML 46Page - Monolithic Power Systems MP6570GR Datasheet HTML 47Page - Monolithic Power Systems MP6570GR Datasheet HTML 48Page - Monolithic Power Systems MP6570GR Datasheet HTML 49Page - Monolithic Power Systems MP6570GR Datasheet HTML 50Page - Monolithic Power Systems MP6570GR Datasheet HTML 51Page - Monolithic Power Systems MP6570GR Datasheet HTML 52Page - Monolithic Power Systems MP6570GR Datasheet HTML 53Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 55 page
background image
MP6570
– 3-PHASE BLDC CONTROLLER WITH HIGH-ACCURACY ANGULAR SENSOR
MP6570 Rev. 1.0
www.MonolithicPower.com
49
3/4/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
REGISTER MAPPING
Add
D[15:0]
01h
THETA_CMD [15:0]
02h
THETA_CMD[31:16]
03h
THETA_CMD[47:32]
04h
CYCLE_P[7:0]
POLE_PAIR[7:0]
05h
THETA_DIR
THETA_CMD_TYPE
FGSEL[4:0]
NSTEP[8:0]
06h
D[15]: N/A
GAIN_COE[3:0]
IQ_LMT[10:0]
07h
D[15:11]: N/A
THETA_BIAS[10:0]
08h
THETA_KI_L[15:0]
09h
THETA_KI_H[15:0]
0ah
ERR_LIMIT_H[15:0]
0bh
ZP1_PARA_A[15:0]
0ch
ZP1_PARA_B[15:0]
0dh
ZP2_PARA_A[15:0]
0eh
ZP2_PARA_B[15:0]
0fh
D[15:9]: N/A
SAT_GAIN1[4:0]
SAT_GAIN2[3:0]
10h
D[15:12]: N/A
ID_REF[11:0]
11h
D[15:12]: N/A
IQ_REF[11:0]
12h
CURRENT_KI[15:0]
13h
CURRENT_KP[15:0]
14h
LD_COE[15:0]
15h
LQ_COE[15:0]
16h
PHIR_COE[15:0]
17h
PERIOD[15:0]
18h
D[15:12]: N/A
MAX_PERIOD[11:0]
19h
N/A
SH_DELAY[7:0]
DTPWM[6:0]
1Ah
SH_CMP[15:0]
1Bh
MIN_DELTA_CMP[7:0]
SWITCH_BLANK_TIME[7:0]
1Ch
SPD_STEP_TH[9:0]
1Dh
SPD_STEP_TL[9:0]
1Eh
N/A
SPD_DOWN_STEP3[4:0]
SPD_DOWN_STEP2[4:0]
SPD_DOWN_STEP1[4:0]
1Fh
N/A
SPD_UP_STEP3[4:0]
SPD_UP_STEP2[4:0]
SPD_UP _STEP1[4:0]
20h
SPEED_CMD[15:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com