Electronic Components Datasheet Search
  English  ▼

X  

MP6570GR Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP6570GR
Description  3-Phase BLDC Controller with a High-Accuracy Angular Sensor
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6570GR Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP6570GR Datasheet HTML 1Page - Monolithic Power Systems MP6570GR Datasheet HTML 2Page - Monolithic Power Systems MP6570GR Datasheet HTML 3Page - Monolithic Power Systems MP6570GR Datasheet HTML 4Page - Monolithic Power Systems MP6570GR Datasheet HTML 5Page - Monolithic Power Systems MP6570GR Datasheet HTML 6Page - Monolithic Power Systems MP6570GR Datasheet HTML 7Page - Monolithic Power Systems MP6570GR Datasheet HTML 8Page - Monolithic Power Systems MP6570GR Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 55 page
background image
MP6570
– 3-PHASE BLDC CONTROLLER WITH HIGH-ACCURACY ANGULAR SENSOR
MP6570 Rev. 1.0
www.MonolithicPower.com
3
3/4/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
MP6570GR-xxxx**
QFN-32 (4mmx4mm)
See Below
* For Tape & Reel, add suffix
–Z (e.g. MP6570GR-0000–Z)
**
”xxxx” is the register setting option. The factory default is “0000”. For customized options, please contact an
MPS FAE to obtain a
“xxxx” value.
TOP MARKING
MPS: MPS prefix
Y: Year code
WW: Week code
MP6570: Part number
LLLLLL: Lot number
PACKAGE REFERENCE
TOP VIEW
SCL/SCLK1/RX
EN
BRAKE/CS1/REN
PWM/CLK
SDA/SDO1/TX
VDCCON
PWMB/GCH
PWMC/GCL
VDC
IDC
ISC
SCLK2/A
1
2
3
4
5
6
7
24
23
22
21
20
19
18
ISA
DIR/SDI1/DE
TEST
8
17
ISB
QFN-32 (4mmx4mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com