Electronic Components Datasheet Search
  English  ▼

X  

MP6570GR Datasheet(PDF) 36 Page - Monolithic Power Systems

Part # MP6570GR
Description  3-Phase BLDC Controller with a High-Accuracy Angular Sensor
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6570GR Datasheet(HTML) 36 Page - Monolithic Power Systems

Back Button MP6570GR Datasheet HTML 32Page - Monolithic Power Systems MP6570GR Datasheet HTML 33Page - Monolithic Power Systems MP6570GR Datasheet HTML 34Page - Monolithic Power Systems MP6570GR Datasheet HTML 35Page - Monolithic Power Systems MP6570GR Datasheet HTML 36Page - Monolithic Power Systems MP6570GR Datasheet HTML 37Page - Monolithic Power Systems MP6570GR Datasheet HTML 38Page - Monolithic Power Systems MP6570GR Datasheet HTML 39Page - Monolithic Power Systems MP6570GR Datasheet HTML 40Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 55 page
background image
MP6570
– 3-PHASE BLDC CONTROLLER WITH HIGH-ACCURACY ANGULAR SENSOR
MP6570 Rev. 1.0
www.MonolithicPower.com
36
3/4/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
Address: 33h
Bit[15:0]
Name
Default
Description
[6:5]
BRK_MOD
00
00: coasting-brake mode with all MOSFETS off when braked
01: fast-brake mode with all low-side MOSFETS on when
braked
10: energy-regeneration brake mode with close-loop control
when braked
[3]
EXBRK
0
0: use internal register bit to enable brake mode
1: use external BRAKE pin signal to enable brake mode
FG/HOME Output Indication
By setting the FGHOME bit to 1, the MP6570
outputs a rotor speed signal through the
FG/HOME pin. In one angular sensor cycle, the
FG frequency can be set to 1, 2, 4, 8, 16, or 32
times by setting the register bits FG_SEL.
When setting the FGHOME bit to 0, the
MP6570 outputs a rotor home indication signal
through the FG/HOME pin. The signal remains
at logic high when the angular sensor angle is
between the HOME_P1 and HOME_P2 setting
values.
Address: 05h
Bit[15:0]
Name
Default
Description
[13:9]
FGSEL
00000
FGSEL[4:0] defines the (FG) number of pulses for the speed
indication signal per angular sensor cycle.
5'd0: 32 pulses per cycle
5'd1: 16 pulses per cycle
5'd3: 8 pulses per cycle
5'd7: 4 pulses per cycle
5'd15: 2 pulses per cycle
5'd31: 1 pulse per cycle
Address: 31h
Bit[15:0]
Name
Default
Description
[15:0]
HOME_P1
0800H
The lower threshold to output the HOME signal as the rotor
position indication. The HOME signal is high when the rotor
position is between HOME_P1 and HOME_P2.
Address: 32h
Bit[15:0]
Name
Default
Description
[15:0]
HOME_P2
0C00H
The upper threshold to output the HOME signal as the rotor
position indication.
Address: 33h
Bit[15:0]
Name
Default
Description
[14]
FGHOME
0
1: FG/HOME pin outputs a FG signal
0: FG/HOME pin outputs a HOME signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com