Electronic Components Datasheet Search
  English  ▼

X  

MP6570GR Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP6570GR
Description  3-Phase BLDC Controller with a High-Accuracy Angular Sensor
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6570GR Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP6570GR Datasheet HTML 6Page - Monolithic Power Systems MP6570GR Datasheet HTML 7Page - Monolithic Power Systems MP6570GR Datasheet HTML 8Page - Monolithic Power Systems MP6570GR Datasheet HTML 9Page - Monolithic Power Systems MP6570GR Datasheet HTML 10Page - Monolithic Power Systems MP6570GR Datasheet HTML 11Page - Monolithic Power Systems MP6570GR Datasheet HTML 12Page - Monolithic Power Systems MP6570GR Datasheet HTML 13Page - Monolithic Power Systems MP6570GR Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 55 page
background image
MP6570
– 3-PHASE BLDC CONTROLLER WITH HIGH-ACCURACY ANGULAR SENSOR
MP6570 Rev. 1.0
www.MonolithicPower.com
10
3/4/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
Figure 4: Sensor Angle Direction
Data from the angular sensor used for system
control can be configured in two modes: original
mode
or
complementary
mode.
This
is
controlled by register bit THETA_DIR.
Bias Current Trimming (BCT)
When the MP6570 is mounted in a side-shaft
configuration, the relation between the field
angle and the mechanical angle is no longer
directly linear. This effect is related to the fact
that the tangential magnetic field is usually
smaller than the radial field. Define the field
ratio (k) with Equation (1):
rad
tan
k
B
/ B
(1)
Where Brad is the maximum radial magnetic
field, and Btan is the maximum tangential
magnetic field (see Figure 5).
Figure 5: Side-Shaft Field
The ratio k depends on the magnet geometry
and the distance to the sensor.
Having a k ratio different than 1 results in an
error of the sensor output. Note that the error
curve has the shape of a double sine-wave.
The X-axis or the Y-axis bias current can be
reduced by programming to recover an equal
Hall signal for all angles and therefore suppress
the error. The parameters ETX and ETY control
the direction in which sensitivity is reduced.
Current reduction is set by the parameter bias
current trimming BCT(7:0), which is an integer
from 0 to 255.
In side-shaft configuration (i.e.: the sensor
center is located beyond the magnet outer
diameter), k is greater than 1. For optimum
compensation, the sensitivity of the radial axis
should
be
reduced
by
setting
the
BCT
parameter as shown in Equation (2):
1
BCT(7,0)
258 1
k




(2)
Equation (2) is plotted in Figure 6.
0
50
100
150
200
1
1.5
2
2.5
3
3.5
4
4.5
5
k
Figure 6: Relation between the k Ratio and the
Optimum BCT to Recover Linearity
What if k is Unknown?
It is possible to deduce the k ratio from the error
curve obtained with the default BCT setting
(BCT = 0). For this purpose, rotate the magnet
over one revolution, record the MP6570 angle
sensor output, plot the error curve (i.e.: the
sensor
output
minus
the
real
mechanical
position vs. the real mechanical position), and
extract two parameters: the maximum error (E)
and the position of this maximum with respect
to a zero crossing am (see Figure 7).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com