Electronic Components Datasheet Search
  English  ▼

X  

MP6570GR Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP6570GR
Description  3-Phase BLDC Controller with a High-Accuracy Angular Sensor
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6570GR Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP6570GR Datasheet HTML 2Page - Monolithic Power Systems MP6570GR Datasheet HTML 3Page - Monolithic Power Systems MP6570GR Datasheet HTML 4Page - Monolithic Power Systems MP6570GR Datasheet HTML 5Page - Monolithic Power Systems MP6570GR Datasheet HTML 6Page - Monolithic Power Systems MP6570GR Datasheet HTML 7Page - Monolithic Power Systems MP6570GR Datasheet HTML 8Page - Monolithic Power Systems MP6570GR Datasheet HTML 9Page - Monolithic Power Systems MP6570GR Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 55 page
background image
MP6570
– 3-PHASE BLDC CONTROLLER WITH HIGH-ACCURACY ANGULAR SENSOR
MP6570 Rev. 1.0
www.MonolithicPower.com
6
3/4/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
SDA/SDO1/TX
Selectable for:
I2C data signal
SPI port 1 data output signal
RS485 TX output signal
2
SCL/SCKL1/RX
Selectable for:
I2C clock signal
SPI port 1 clock signal
RS485 RX input signal
3
DIR/SDI1/DE
Selectable for:
Direction input
SPI port 1 data input signal
RS485 write enable (DE) signal
4
BRAKE/CS1/REN
Selectable for:
Brake input
SPI port 1 CS signal, low level activates the interface
RS485 read enable (REN) signal
5
EN
IC enable.
6
PWM/CLK
Selectable for:
PWM input for speed control
PWM input for torque control
Clock input for speed/position control
7
VDCCON
Input bus protection control output.
8
SCLK2/A
Selectable for:
SPI port 2 clock signal for external angular sensor data input
Internal sensor A signal output
9
SDI2/Z
Selectable for:
SPI port 2 data signal for external angular sensor data input
Internal sensor Z signal output
10
CS2/B
Selectable for:
SPI port 2 chip select signal for external angular sensor data input
Internal sensor B signal output
11
XTAL1
External crystal oscillator signal input.
12
XTAL2
External crystal oscillator signal output. Float XTAL2 if it is not being
used.
13
3.3V
IC power supply input.
14, 31
GND
Ground.
15
1.8V
1.8V reference output.
16
0.9V
0.9V reference output for ADC bias.
17
ISC
Phase C current detection input of motor winding.
18
ISB
Phase B current detection input of motor winding.
19
ISA
Phase A current detection input of motor winding.
20
VDC
Input power bus voltage detection input.
21
IDC
Input power bus current detection input.
22
TEST
IC test pin. Leave TEST floating in normal applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com