Electronic Components Datasheet Search
  English  ▼

X  

MP6570GR Datasheet(PDF) 44 Page - Monolithic Power Systems

Part # MP6570GR
Description  3-Phase BLDC Controller with a High-Accuracy Angular Sensor
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6570GR Datasheet(HTML) 44 Page - Monolithic Power Systems

Back Button MP6570GR Datasheet HTML 40Page - Monolithic Power Systems MP6570GR Datasheet HTML 41Page - Monolithic Power Systems MP6570GR Datasheet HTML 42Page - Monolithic Power Systems MP6570GR Datasheet HTML 43Page - Monolithic Power Systems MP6570GR Datasheet HTML 44Page - Monolithic Power Systems MP6570GR Datasheet HTML 45Page - Monolithic Power Systems MP6570GR Datasheet HTML 46Page - Monolithic Power Systems MP6570GR Datasheet HTML 47Page - Monolithic Power Systems MP6570GR Datasheet HTML 48Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 55 page
background image
MP6570
– 3-PHASE BLDC CONTROLLER WITH HIGH-ACCURACY ANGULAR SENSOR
MP6570 Rev. 1.0
www.MonolithicPower.com
44
3/4/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
SPI Port 1 Interface
If the COM_MOD[1:0] bits are set to
01, the
SPI port 1 interface is selected. The device can
be configured as a slave with programmable
device addresses. The SDO data output pin is
selectable with push-pull and open-drain modes,
which are set through bit SPI_O_MOD (33h).
Both the master and slave send data at the
clock falling edge and receive data at the clock
rising
edge.
The
communication
clock
is
supported with a maximum frequency 24MHz.
Figure 32 and Figure 33 detail the various SPI
protocols supported by the MP6570.
slave address
(7-bit)
0
Reg, Address
(7-bit)
PEN
4'b0000
Data_H
(8-bit)
Data_L
(8-bit)
2'b00 POR 0
SDI
CS
CLK
0
CNT
1
2
SDI
Slave Address[6:0]
7
8
0
9
Reg. Address[6:0]
15
16
PEN
4'b0000 + Data[15:0] +
2'b00
38
39
POR
0
40
0
does not matter
does not
matter
does not matter
does not
matter
SDO
not care
Figure 32: Word Write Command
slave address
(7-bit)
1
Reg, Address
(7-bit)
4'b1111
Data_H
(8-bit)
Data_L
(8-bit)
3'b111 POR
PEN
8'b00000000
8'b00000000
8'b00000000
SDI
SDO
High
CS
CLK
0
CNT
1
2
SDI
Slave Address[6:0]
7
8
1
9
Reg. Address[6:0]
15
16
PEN
0
38
39
40
0
does not matter
does not
matter
does not matter
SDO
1
4'b1111 + Data[15:0] + 3'b111
POR
1
does not
matter
Figure 33: Word Read Command
Where PEN is the polarity enable bit, and POR
is the polarity data bit when the data polarity
check is enabled.
When PEN is set to 1, data polarity check is
enabled. When PEN is set to 0, data polarity
check is disabled.
When POR is set to 1, all other bits on SDI
have an odd-bit 1. When POR is set to 0, all
other bits on SDI have an even-bit 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com