Electronic Components Datasheet Search
  English  ▼

X  

MP6570GR Datasheet(PDF) 52 Page - Monolithic Power Systems

Part # MP6570GR
Description  3-Phase BLDC Controller with a High-Accuracy Angular Sensor
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6570GR Datasheet(HTML) 52 Page - Monolithic Power Systems

Back Button MP6570GR Datasheet HTML 47Page - Monolithic Power Systems MP6570GR Datasheet HTML 48Page - Monolithic Power Systems MP6570GR Datasheet HTML 49Page - Monolithic Power Systems MP6570GR Datasheet HTML 50Page - Monolithic Power Systems MP6570GR Datasheet HTML 51Page - Monolithic Power Systems MP6570GR Datasheet HTML 52Page - Monolithic Power Systems MP6570GR Datasheet HTML 53Page - Monolithic Power Systems MP6570GR Datasheet HTML 54Page - Monolithic Power Systems MP6570GR Datasheet HTML 55Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 52 / 55 page
background image
MP6570
– 3-PHASE BLDC CONTROLLER WITH HIGH-ACCURACY ANGULAR SENSOR
MP6570 Rev. 1.0
www.MonolithicPower.com
52
3/4/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
REGISTER MAPPING (continued)
Add
Read-Only Address
53h
LOCK
OCP
PSFT
MEM_FAULT
54h
SYS_STATE
55h
THETA_M[15:0]
56h
IA_SENSE[9:0]
57h
IB_SENSE [9:0]
58h
IC_SENSE [9:0]
59h
IA_BIAS_N[9:0]
5Ah
IB_BIAS_N [9:0]
5Bh
IC_BIAS_N [9:0]
5Ch
Reserved
SENSOR_SPEED[14:0]
5Dh
IQ_REF_LATCH[11:0]
5Eh
VIN_SENSE [7:0]
5Fh
IIN_SENSE[9:0]
69h
ID_LATCH[11:0]
6Ah
IQ_LATCH [11:0]
6Bh
UD_LATCH [11:0]
6Ch
UQ_LATCH [11:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com