| Electronic Components Datasheet Search |
|
PM5366 Datasheet(PDF) 202 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM5366 Datasheet(HTML) 202 Page - PMC-Sierra, Inc |
|
202 / 267 page ![]() PRELIMINARY PM5366 TEMAP-84 DATASHEET PMC-2010672 ISSUE 1 HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER PROPRIETARY AND CONFIDENTIAL 190 Table 35 - E3 Frame Stuffing Format V5 6*R FAS 11*D 5*R 12*D 5*R 12*D 5*R 12*D 5*R FAS 11*D 5*R 12*D 5*R 12*D 5*R 12*D 5*R FAS 11*D 5*R 12*D 5*R 12*D 5*R 12*D 5*R FAS 11*D 5*R 12*D 5*R 12*D 5*R 12*D V5 5*R FAS 11*D 5*R 12*D 5*R 12*D 5*R 12*D 5*R FAS 11*D 5*R 12*D 5*R 12*D 5*R 12*D 5*R FAS 11*D 5*R 12*D 5*R 12*D 5*R 12*D 5*R FAS 11*D 5*R 12*D 5*R 12*D 5*R 12*D E3 asynchronous timing is compensated via the H3 octet. E3 link rate adjustments are optionally passed across the SBI via the Linkrate octet. E3 alarm conditions are optionally passed across the SBI bus via the Linkrate octet. Flexible Bandwidth Mapping When the OPMODE_SPEx[2:0] register bits for an SPE are binary 100, the SBI is configured to transport an arbitrary bandwidth up to the capacity of an SPE. In this mode the SDPL and SAPL signals identify individual valid bytes. For each SPE, every third byte in columns 16 through 270, inclusive, has the potential for presenting data. Be aware that although columns 13 though 15 carry no payload, the byte positions for rows 1 through 4 are driven by the Drop bus with SDPL unconditionally low. Transparent VT1.5/TU11 Mapping VT1.5 and TU11 virtual tributaries, TVT1.5s, are transported across the SBI bus in a similar manner to the T1 tributary mapping. Table 36 shows the transparent structure where “I” is used to indicate information bytes. There are two options when carrying virtual tributaries on the SBI bus, the primary difference being how the floating V5 payload is located. The first option is locked TVT mode which carries the entire VT1.5/TU11 virtual tributary indicated by the shaded region in Table 36. Locked is used to indicate that the location of the V1,V2 pointer is locked. The virtual tributary must have a valid V1,V2 pointer to locate the V5 payload. In this mode the V5 indicator and payload signals, SDV5, SAV5, SDPL and SAPL, may be generated but must be ignored by the receiving device. In locked mode timing is always sourced by the |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |